PART |
Description |
Maker |
IS62WV51216BLL-55BLI IS62WV51216ALL-70XI IS62WV512 |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 12k × 16低电压,超低功耗的CMOS静态RAM 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 55 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
BS62LV1605FI BS62LV1605FC BS62LV1605EIP70 BS62LV16 |
From old datasheet system Asynchronous 16M(2Mx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM2米x 8 Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM米x 8 LM5080 Modular Current Sharing Controller; Package: MINI SOIC; No of Pins: 8 非常低功电压CMOS SRAM米x 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
VDA3720CTA VDA3720NTA VDA6010CTA VDA0820NTA VDA171 |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector
|
AnaSem Hong Kong Limited AnaSem Hong Kong Limite...
|
ADG706BRU ADG707 ADG707BRU ADG706 |
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers 的CMOS.5ohm低电压,8-/16-Channel多路复用 CMOS/ 2.5ohm Low-Voltage/ 8-/16-Channel Multiplexers ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
K6T4016U3C K6T4016U3C-B K6T4016U3C-F K6T4016U3C-RB |
256Kx16 bit Low Power and Low Voltage CMOS Static RAM Surface Mount Resistors Thick Film Chip Resistors 256Kx16 bit Low Power and Low Voltage CMOS Static RAM 256Kx16位低功耗和低电压的CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
IS62WV5128ALL IS62WV5128BLL |
(IS62WV5128A(B)LL) 512K x 16 Low Voltage / Ultra Low Power CMOS SRAM (IS62WV51218A(B)LL) 512K x 16 Low Voltage / Ultra Low Power CMOS SRAM
|
Integrated Silicon Solution
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
ICL762101 ICL7621DCPA ICL7621 ICL7621BCPA ICL7621D |
Op Amp, CMOS, Rail-to-Rail Output, Low Voltage 1-8Vdc, Rin=10E12, Ibias=1pA, Dual Dual, Low Power CMOS Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
IS62U6416LL IS62U6416LL-20B IS62U6416LL-20KI IS62U |
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc]
|
K6T8008C2M K6T8008C2M-B K6T8008C2M-F K6T8008C2M-RB |
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K6T1008V2C K6T1008V2C-B K6T1008V2C-D K6T1008V2C-F |
128K x8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|