PART |
Description |
Maker |
EP8250 EP8251 EP8252 EP8253 EP8254 EP8255 EP8256 E |
Analog IC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP SQUARE, 94.5 MHz, WAVEFORM GENERATION, PDIP5 14 Pin DIP TTL Square-Wave Generator
|
PCA ELECTRONICS INC.
|
BR25L020FVT-W BR25L020FJ-W BR25L020FVJ-W BR25L020F |
SPI BUS 2Kbit (256 x 8bit) EEPROM
|
ROHM[Rohm]
|
EP8274NBSP EP8274 EP8289 EP8290 EP8291 EP8292 EP82 |
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, PDIP8 CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC From old datasheet system Tapped Delay Line
|
PCA ELECTRONICS INC. PCA Electronics Inc
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
NM25C040 NM25C040LM8 NM25C040LVMT8 NM25W040LMT8X N |
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BR93L46-W BR93L46FJ-WE2 BR93L46FV-WE2 BR93L86-W BR |
Microwire BUS 1Kbit(64x16bit) EEPROM Microwire BUS 16Kbit(1024x16bit) EEPROM Microwire BUS 8Kbit(512x16bit) EEPROM Microwire BUS 4Kbit(256x16bit) EEPROM Microwire BUS 2Kbit(128x16bit) EEPROM
|
ROHM
|
BR24G08FVT-3GE2 BR24G08FVJ-3GTE2 BR24G08F-3GTE2 BR |
I2C BUS 8Kbit(1024x8bit) EEPROM
|
ROHM
|
BR93A76RFJ-W BR93A76FJ-W BR93A76F-W BR93A76RF-W BR |
Microwire BUS 8Kbit(512 X 16bit) EEPROM
|
ROHM[Rohm]
|
BR93H76RFJ-W BR93H76RF-W BR93H76-W |
Microwire BUS 8Kbit (512 x 16bit) EEPROM
|
ROHM[Rohm]
|
M8571 M8571B1 M8571B6 |
1024 Bit Serial S-Bus / I2C Bus NMOS EEPROM
|
STMicroelectronics
|
CAT25C16YE-1.8-GT3 CAT25C08YI-1.8-GT3 CAT25C16YA-1 |
2K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, ROHS COMPLIANT, MS-012, SOIC-8
|
Fox Electronics
|