PART |
Description |
Maker |
BP5045A5 |
AC/DC converter AC220V input, -5V/200mA output
|
ROHM[Rohm]
|
BP5048-24 |
AC/DC converter - AC220V input, 24V/200mA output
|
ROHM[Rohm]
|
BP5041A5 |
AC220V input, 5V/100mA output
|
Rohm CO.,LTD.
|
BP5722A12 |
AC220V, 12V.1000mA
|
ROHM[Rohm]
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
RYT-090524 RYT-091212 RYT-090505 RYT-090909 RST241 |
Recom International Power ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 5V input, 15V/33mA output 1W DC/DC converter with 9V input, 15V/33mA output
|
Recom International Power
|
M62354AGP |
SERIAL INPUT LOADING, 8-BIT DAC, PDSO16 8bit 6ch D-A converter with buffer8bit 8ch D-A converter with buffer
|
Mitsubishi Electric Corporation
|
1WS-1212 1WS-1205 1WS-1209 1WS-2405 1WS-2409 1WS-2 |
DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
TMC3533KRC50 TMC3533 TMC3533KRC30 TMC3533KRC80 TMC |
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 0.015 us SETTLING TIME, 8-BIT DAC, PQCC44 From old datasheet system Triple Video D/A Converter 8 bit/ 80 Msps/ 3.3V 30MHz Triple 8-Bit 3V Video D/A Converter 50MHz Triple 8-Bit 3V Video D/A Converter 80MHz Triple 8-Bit 3V Video D/A Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RX-2405S RX-05S RY1212S RX2409S |
LKG PLUG, VARILOAD, 4P5W, 30A 600V RoHS Compliant: Yes ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 24V input, 5V/180mA output
|
RECOM Electronic GmbH RECOM Power Inc. Recom International Power
|
JFW050F JFW050F1 |
IC Converter DC-DC Step Down 48VIN Power Module: dc-dc Converter, 36 to 75 Vdc Input, 3.3 Vdc Output
|
Tyco Electronics
|
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|