PART |
Description |
Maker |
BP5062A5 |
AC100V input, −5V/500mA output
|
Rohm CO.,LTD. ROHM[Rohm]
|
BP5062 |
AC100V input, −12V/500mA output
|
Rohm CO.,LTD. ROHM[Rohm]
|
BP5034D12 |
AC/DC converter AC100V input/ 12V/100mA output AC/DC converter AC100V input, 12V/100mA output
|
Rohm CO.,LTD.
|
BP5037B12 BP5037B1212 |
AC100V input, 12V/200mA output Non-isolated AC/DC converter
|
Rohm
|
BP5090-12 |
AC/DC converter AC100V input, −12V/200mA output
|
Rohm
|
SRDC-16D120 SRDC-16D12D SRDC-16D12S |
NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A 1-OUTPUT 19 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. Bel Fuse Inc.
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
BP5041B15 |
AC220V input, 15V/80mA output
|
Rohm
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
BP5048-15 |
AC/DC converter - AC220V input, 15V/200mA output
|
ROHM[Rohm]
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|