PART |
Description |
Maker |
BP5048-15 |
AC/DC converter - AC220V input, 15V/200mA output
|
ROHM[Rohm]
|
BP5041A15 |
AC/DC converter AC220V input, 15V/80mA output
|
Rohm
|
BP5047A24 |
AC220V input, 24V/150mA output
|
Rohm
|
MC13110AFB MC13110AFTA MC13110BFB MC13110BFTA MC13 |
CONVERTER, DC/DC, 1O/P, 5W, 3.3V; Power rating:5W; DC/DC Converter O/P type:Single; Voltage, input max:36V; Voltage, input min:9V; Voltage, output UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
|
Motorola, Inc.
|
RYT-090524 RYT-091212 RYT-090505 RYT-090909 RST241 |
Recom International Power ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 5V input, 15V/33mA output 1W DC/DC converter with 9V input, 15V/33mA output
|
Recom International Power
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|
KWD-1205 KWD-1205T KWD-1212 KWS-1205 KWS-1209T KWS |
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
KAWD-1205 KAWD-1212 KAWD-1215 KAWD-2405 KAWD-2412 |
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
AD7118 AD7118TQ2 AD7118CQ AD7118TQ AD7118UQ |
17V; 450mW; LOGDAC CMOS logarithmic D/A converter. For digitally controlled AGC systems, audio attenuators, wide dynamic range A/D converters, sonar systems, function generators LOGDAC CMOS Logarithmic D/A Converter PARALLEL, WORD INPUT LOADING, 6-BIT DAC, CDIP16 LOGDAC CMOS Logarithmic D/A Converter LOGDAC的CMOS对数D / A转换 ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0
|
Analog Devices, Inc.
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
WE300M WE400M WE320M WE300 WE301 WE301M WE320 |
DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 2.5 VDC. Output current 5000 mA. Input current 30 mA(no load), 645 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 5 VDC. Output current 4000 mA. Input current 20 mA(no load), 992 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 3.3 VDC. Output current 5000 mA. Input current 20 mA(no load), 828 mA(full load). DC to DC Converter
|
International Power Sources
|
RX-2405S RX-05S RY1212S RX2409S |
LKG PLUG, VARILOAD, 4P5W, 30A 600V RoHS Compliant: Yes ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER 1W DC/DC converter with 24V input, 5V/180mA output
|
RECOM Electronic GmbH RECOM Power Inc. Recom International Power
|