PART |
Description |
Maker |
BP5065C |
AC/DC converter AC100V input, −12V/90mA output AC/DC converter AC100V input, −12V/90mA output
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
BP5038A1 |
AC/DC converter AC100V input, 5V/30mA output
|
ROHM[Rohm]
|
BP5090-12 |
AC/DC converter AC100V input, −12V/200mA output
|
Rohm
|
BP5039B12 |
AC100V input, 12V/300mA output
|
Rohm CO.,LTD. ROHM[Rohm]
|
BP5035A12 |
AC100V input, −12V/200mA output
|
Rohm CO.,LTD. ROHM[Rohm]
|
BP5841 |
High-power LED Drivers for ドllumination AC100V input, constant current
|
ROHM[Rohm]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
RP05-4833SF RP05-1205DF RP05-1205SF RP05-1212DF RP |
5W DC/DC converter with 36-75V input, 33/1000mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 12/4700mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 33/1000mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 5/1000mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 12/470mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 5/1000mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 3.3/1000mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 12/470mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 5/1000mA output, 2kV isolated POWERLINE - DC/DC - CONVERTER 电力直流/直流-转炉
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH Shindengen Electric Manufacturing Co., Ltd.
|
PS21563-SP |
AC100V~200V inverter drive for small power motor control
|
Mitsubishi Electric Semiconductor
|
PS21661-RZ PS21661-FR |
AC100V~200V, three-phase inverter drive for small power motor control.
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
FAWD-1205 FAWD-1205T FAWD-1212 FAWD-1212T FAWD-121 |
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
|