PART |
Description |
Maker |
PE8211 |
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
|
Pasternack Enterprises, Inc.
|
CSM-4 |
(CSM-xx) Coaxial SMA Male Terminations
|
Component General
|
BLK-18 |
DC Block SMA
|
Mini-Circuits
|
BLK-89-15 |
DC Block SMA
|
Mini-Circuits
|
PE7128 |
SMA FEMALE,COAXIAL SWITH FREQUENCY RANGE:2 GHz TO 4GHz SWITCH TYPE:SP4T
|
Pasternack Enterprises, Inc...
|
PE7115 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
PE7117 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
PE7123 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12 GHz SWITCH TYPE:SP3T
|
Pasternack Enterprises, Inc...
|
SF-SM50 |
Adapters, SMA-F to SMA-M 50W, DC to 18 GHz CABLE TERMINATED, FEMALE-MALE, RF STRAIGHT ADAPTER Adapters, SMA-F to SMA-M 50W, DC to 18 GHz Adapters / SMA-F to SMA-M 50W / DC to 18 GHz
|
MINI[Mini-Circuits]
|
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
NCD330K15KVNPOCTRF NCD330C15KVNPOCTRF NCD330K15KVN |
CAPACITOR, CERAMIC, 15000 V, C0G, 0.000033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0000015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 10000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 15000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
NIC Components, Corp.
|
OL5492N-3 OL592N_3_597N_3 OL597N-3 OL5497N-3 OL592 |
1.55 レm 3 mW Coaxial Module 1.55レ米3兆瓦同轴单元 1.55 m 3 mW Coaxial Module 1.55 um 3 mW Coaxial Module From old datasheet system 1.55 μm 3 mW Coaxial Module
|
OKI electronic components OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets]
|
|