PART |
Description |
Maker |
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
D45VH D44VH |
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
|
ONSEMI[ON Semiconductor]
|
TIP2955 TIP3055 4136 |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N3055-D 2N3055/D |
Complementary Silicon Power Transistors 互补硅功率晶体管 Complementary Silicon High-Power Transistors
|
Microsemi, Corp. ON Semiconductor
|
NTE262 NTE261 |
Silicon complementary PNP transistor. Darlington power amplifier. Silicon Complementary Transistors Darlington Power Amplifier
|
NTE[NTE Electronics]
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MJ403203 MJ80203 MJ4035 MJ4032 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS SILICON NPN POWER TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
NTHD3100C NTHD3100CT1 NTHD3100CT1G NTHD3100CT3 NTH |
Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™ Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™; Package: ChipFET™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 3000 2.9 A, 20 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET Power MOSFET 20V, 3.9A/4.4A, Complementary ChipFET(20V, 3.9A/4.4A功率MOSFET) Power MOSFET 20 V, 3.9 A /−4.4 A, Complementary ChipFET
|
ON Semiconductor
|