PART |
Description |
Maker |
2SB1625 2SB1625P |
6 A, 110 V, PNP, Si, POWER TRANSISTOR TO-3P, 3 PIN Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio/ Series Regulator and General Purpose)
|
Sanken electric
|
MV-MD27-08HN5 MV-MD2A-08HN5 MV-MD25-06JN5 MV-MD2F- |
Indramat? brushless motor cables PUR Indramat庐 brushless motor cables PUR Indramat垄莽 brushless motor cables PUR
|
SHIELD s.r.l.
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
2SB1570 |
Silicon PNP Epitaxial Planar Transistor(Audio/ Series Regulator and General Purpose) SILICON PNP EPITAXIAL PLANAR TRANSISTOR(AUDIO, SERIES REGULATOR AND GENERAL PURPOSE)
|
Sanken electric
|
2SB1647 |
Silicon PNP Epitaxial Planar Transistor(Audio/ Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio Series Regulator and General Purpose)
|
Panasonic Semiconductor SANKEN[Sanken electric]
|
2SB1587 |
Silicon PNP Epitaxial Planar Transistor(Audio/ Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
|
SANKEN[Sanken electric]
|
2SB1624 |
Silicon PNP Epitaxial Planar Transistor(Audio/ Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
|
SANKEN[Sanken electric]
|
2N4402 2N4403 ON0046 2N4403RLRE |
General Purpose Transistors PNP General Purpose Transistors(PNP Silicon) Motorola Preferred Device From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ML-DP47-04BD5 ML-DP43-04BD5 ML-DD47-04BD5 ML-DD43- |
DeviceNet, UL - PUR
|
SHIELD s.r.l.
|
Q60103-X152-D Q60103-X152-E Q60103-X152-F Q60103-X |
pnp germanium transistors pnp型锗晶体 CAP .0022UF 1600V METAL POLYPRO pnp型锗晶体 Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:37; Connector Shell Size:14; Connecting 24 V, PNP germanium transistor 20 V, PNP germanium transistor
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
2N4125TANL |
PNP General Purpose Amplifier 200 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MPSA56 |
PNP General Purpose Amplifier 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|