PART |
Description |
Maker |
CDSV-19-G CDSV-21-G CDSV-20-G |
Small Signal Switching Diodes, V-RRM=200V, V-R=150V, P-D=200mW, I-F=400mA Small Signal Switching Diodes, V-RRM=120V, V-R=100V, P-D=200mW, I-F=400mA Small Signal Switching Diodes, V-RRM=250V, V-R=200V, P-D=200mW, I-F=400mA SMD Switching Diode
|
Comchip Technology
|
BAS70DW-04 BAS70DW-06-TP BAS70TW BAS70DW-05 |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 70V SOT363 0.07 A, 70 V, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAS21WT |
200mW Switching Diode
|
Micro Commercial Components Corp.
|
1SS400 1SS400RK 1SS400RKG |
200mW, SMD High Speed Switching Diode
|
Taiwan Semiconductor Company, Ltd
|
CDSV6-756-G12 CDSV6-756-G |
Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=200mW, I-F=150mA SMD Switching Diode Arrays
|
Comchip Technology
|
CDSV4148-G12 CDSV4148-G |
Small Signal Switching Diodes, V-RRM=75V, V-R=75V, P-D=200mW, I-F=150mA SMD Switching Diode
|
Comchip Technology
|
BT138F BT138F-500 BT138F-500F BT138F-500G BT138F-6 |
DIODE ZENER TRIPLE ISOLATED 200mW 9.1Vz 20mA-Izt 0.02592 0.1uA-Ir 7 SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 18Vz 0.05mA-Izt 0.05 0.05uA-Ir 13.6 SOT-363 3K/REEL DIODE ZENER TRIPLE BI-DIRECTIONAL 200mW 24Vz 0.05mA-Izt 0.05 0.05uA-Ir 18.2 SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 27Vz 0.05mA-Izt 0.05 0.05uA-Ir 20.4 SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOT-363 3K/REEL Octal Bus Transceivers with 3-State Outputs 20-LCCC -55 to 125 Triacs
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
TC1SS400 TC1SS40011 |
200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MM3Z22VC MM3Z27VC MM3Z36VC MM3Z3V3C MM3Z4V3C MM3Z1 |
18.0V 200mW 5% Zener, SOD323F 15.0V 200mW 5% Zener, SOD323F 22.0V 200mW 5% Zener, SOD323F 11.0V 200mW 5% Zener, SOD323F Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 22 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 27 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 36 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V 200mW 5% Zener, SOD323F 4.3V 200mW 5% Zener, SOD323F 12.0V 200mW 5% Zener, SOD323F 13.0V 200mW 5% Zener, SOD323F 16.0V 200mW 5% Zener, SOD323F
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
TC1N4148WT TC1N914BWT TC1N4448WT |
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|