PART |
Description |
Maker |
BAT54AW BAT54AWPBF |
0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SCHOTTKY DIODE 0.2 Amp 30V 0.2A Schottky Common Anode Diode in a SOT-323 package
|
International Rectifier
|
NSR0240P2T5G |
40V 0.2A low IR SOD-923 Schottky Diode 0.2 A, 40 V, SILICON, SIGNAL DIODE Schottky Barrier Diode
|
ON Semiconductor
|
ZHCS1006 ZHCS1006TA |
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ??uperBAT??/td>
| SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE B>SuperBAT DIODE SCHOTTKY SOT-23 肖特基二极管采用SOT - 23 High Current Schottky Diode
|
Fairchild Semiconductor Zetex Semiconductors Zetex Semiconductor PLC
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
BAS40DW-04 BAS40DW-05-TP BAS40DW-06-TP BAS40TW BAS |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 40V SOT363 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE DIODE SCHOTTKY ARRAY 40V SOT-363 0.2 A, 40 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
NTLJF3118N NTLJF3118NTAG NTLJF3118NTBG |
Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
|
ON Semiconductor
|
DSA30I150PA |
Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
|
IXYS Corporation
|
BAT65 Q62702-A990 |
Silicon Schottky Diode (Low-power Schottky rectifier diode) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BAT66-05 BAT66_05 Q62702-A988 |
From old datasheet system Silicon Schottky Diode (Low-power Schottky rectifier diode)
|
SIEMENS[Siemens Semiconductor Group]
|
BAT54SW |
30V 0.2A Schottky DOUBLER Diode in a SOT-323 package SCHOTTKY DIODE 0.4 Amp
|
International Rectifier
|
151CMQ 151CMQ050 151CMQ035 151CMQ040 151CMQ045 |
DIODE 150 A, 50 V, SILICON, RECTIFIER DIODE, TO-249AA, D-60, MODIFIED TO-249AA, 9 PIN, Rectifier Diode SCHOTTKY RECTIFIER 35V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 40V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 45V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package
|
Vishay Semiconductors IRF[International Rectifier]
|