PART |
Description |
Maker |
CDSV3-4448-G CDSV3-4048-G CDSV3-4148-G |
Small-Signal Switching Diode Small Signal Schottky Diodes
|
COMCHIP[Comchip Technology]
|
BAV21WS BAV19WS BAV20WS-TP |
250mW Small Signal Diodes 120 to 250 Volts DIODE GP 200V 200MA SOD323 0.2 A, 200 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
1N4448TR FDLL4148-D87Z |
High Conductance Fast Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-35 1N/FDLL 914/A/B / 916/A/B / 4148 / 4448 Small Signal Diode
|
Fairchild Semiconductor, Corp.
|
DTC114ESA DTC114EM DTC114ECA |
NPN Small Signal Transistor Small Signal Diode
|
Taiwan Semiconductor Company, Ltd
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BAT54CFILM BAT54SFILM BAT54AFILM BAT54FILM 5505 BA |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE From old datasheet system
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BAS70-07 6711 BAS70-07FILM -BAS70-07 |
From old datasheet system SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MA141WATX MA142AH 2SK663H |
0.1 A, 2 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, SILICON, SIGNAL DIODE 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
PANASONIC CORP
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|