PART |
Description |
Maker |
B82432-T |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
|
EPCOS[EPCOS]
|
B82478-A1684-M B82478-A1103-M B82478-A1103-M_1 B82 |
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
|
EPCOS[EPCOS]
|
DFE18SANR47MG0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR47ME0 DFE18SANR47ME0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
B82422-T3820-_ B82422-T1102-_ B82422-T1103-_ B8242 |
INDUCTOR 1210T 270UH Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
|
EPCOS[EPCOS] EPCOS AG
|
B82442-H1332-K B82442-H1102-K B82442-H1103-K B8244 |
INDUCTOR 2220H 6.8UH 电感2220H 6.8UH High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
|
EPCOS AG EPCOS[EPCOS]
|
B82476 |
Rated inductance
|
EPCOS
|
DFE201208S-2R2M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201208S-R47M |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201610P-R24M DFE201610P-R24M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201610P-R33M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201610E-1R0M DFE201610E-1R0M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|