PART |
Description |
Maker |
B82432-H1224-K B82432-H1333-K B82432-H1334-K B8243 |
High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
|
EPCOS[EPCOS]
|
B82498-BXXX |
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance
|
EPCOS
|
B82422-H1683-K100 B82422-H1102-K100 B82422-H1103-K |
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
|
EPCOS AG EPCOS[EPCOS]
|
ISC1812BN8R2K ISC1812ES4R7K ISC1812BN1R5J ISC1812E |
General Fixed Inductor, IND,POWDERED IRON,8.2UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, 1 ELEMENT, 4.7 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, CHIP, 1812, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,1.5UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL,1812 CASE General Fixed Inductor, IND,FERRITE,270UH,10% TOL,10% -TOL,1812 CASE General Fixed Inductor, IND,POWDERED IRON,22UH,5% TOL,5% -TOL,1812 CASE ISC-1812 Wirewound, Surface Mount, Molded, Shielded Inductors IND CHIP SHLD/MLD 330NH 5% 25.2MHZ 30Q-FCTR 394MA 1812 - Bulk IND CHIP SHLD/MLD 150NH 20% 25.2MHZ 30Q-FCTR 491MA 1812 - Tape and Reel General Fixed Inductor, IND,POWDERED IRON,10UH,10% TOL,10% -TOL,1812 CASE
|
Vishay Dale
|
UTPCH16RDY UTPCH7GRY |
; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:16ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7; Color:Red INTERCONNECTION DEVICE Connector assemblies, Network cables; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:7ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7
|
Panduit, Corp. PANDUIT CORP
|
DLW21SN121HQ2L DLW21SN670SQ2L DLW21SN371SQ2L DLW21 |
2 FUNCTIONS, 20 V, 0.28 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0805, 4 PIN COMMON MODE CHOKE, DLW21SN670SQ2L 2 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.28 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0805, 4 PIN
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SBSPP1000102MXR SBSPP1000152MXB SBSPP1000101MCR SB |
1 FUNCTIONS, 100 V, 1 A, DATA LINE FILTER EIA STD PACKAGE SIZE 1206
|
Syfer Technology, Ltd. SYFER TECHNOLOGY LTD
|
PE-0805CCMC181STS PE-0805CCMC121STH PE-0805CCMC670 |
1 FUNCTIONS, 50 V, 0.33 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.28 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.3 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.25 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN 1 FUNCTIONS, 50 V, 0.37 A, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 4 PIN
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
893D |
Solid Tantalum Chip Capacitors, TANTAMOUNT?, Built-In-Fuse Miniature, Molded Case in Three Case Codes, Fusible, Meets EIA 535BAAC and IEC Specification QC300801/US0001, Automatic Pick and Place Compatible
|
Vishay
|
MC3488A MC3488AD MC3488AP1 ON1123 |
From old datasheet system DUAL EIA-423/EIA-232D DRIVER
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
MC3488ADR2 1N4001FF |
Dual EIA-423/EIA-232D Line Driver 1A 50V Standard Rectifier
|
ON Semiconductor
|
|