PART |
Description |
Maker |
B66459-G-X149 B66459-G-X187 |
ELP 38/8/25 Core (Without Clamp Recess)
|
EPCOS AG
|
B66461-G-X187 B66461 B66461-G-X149 |
ELP 43/10/28 Core (Without Clamp Recess)
|
EPCOS[EPCOS]
|
B66455-P-X192 B66455-P-X149 B66455-P-X187 B66455-G |
ELP 22/6/16 with I 22/2,5/16 Core (Without Clamp Recess)
|
EPCOS AG
|
B66281-G-X192 B66281 B66281-G-X149 B66281-G-X187 |
ELP 14/3,5/5 Core (Without Clamp Recess)
|
EPCOS[EPCOS]
|
CLA-E20 |
CLA-E20
|
Ferroxcube International Holding B.V.
|
MAX7302 |
SMBus/I²C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
|
MAXIM - Dallas Semiconductor
|
9250A-184-RC 9250A-107-RC 9250A-331-RC 9250A-333-R |
CHOKE RF MOLDED 180UH FERRITE 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 100000UH FERRITE 1 ELEMENT, 100000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .33UH PHENOLIC 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 33UH FERRITE 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.5UH IRON 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 39000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3300UH FERRITE 1 ELEMENT, 3300 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 470 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 150UH FERRITE 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 8200UH FERRITE 1 ELEMENT, 8200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 6800UH FERRITE 1 ELEMENT, 6800 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 22000UH FERRITE 1 ELEMENT, 22000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .15UH PHENOLLIC 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 33000UH FERRITE CHOKE RF MOLDED 1000UH FERRITE
|
Bourns, Inc. BOURNS INC
|
M21-1 M21-23 M21-18 M21-40 PF48-19 PF48-15 PF48-22 |
1 ELEMENT, 10000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 200000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 50000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 24000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 86000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 17500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 240 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 6000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 400 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR
|
|
|