PART |
Description |
Maker |
FQA1-12038 FQA1-12038SBH3 FQA1-12038TBH3 FQA1-1203 |
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
|
Qualtek Electronics Corporation Qualtek Electronics Corpora...
|
BY359X-1500 BY359X-1500S |
Damper diode fast/ high-voltage SCREWDRIVER, SENSO SLOT 3.0 X 75SCREWDRIVER, SENSO SLOT 3.0 X 75; Tip Size A x B:3 x 0.5mm; Tip size:3mm; Length, blade:75mm; Length, Inches:3"; Handle type:COLOUR CODED; Tip Size:3 mm; Tip type:Parallel Slot 1500 V, SILICON, RECTIFIER DIODE DAMPER DIODE FAST, HIGH-VOLTAGE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
DP |
PTC Switching Thermistors, Applications Include: Self-regulating Heaters, Single Phase Motor Starting, Over Temperature Protection, Air Flow / Liquid Level Sensing, Time Delay, Degaussing, Arc Suppression, Solid State Fusing
|
Vishay
|
AM9789 AM9789M8TR-G1 |
SINGLE PHASE FULL-WAVE MOTOR DRIVER FOR SILENT FAN MOTOR
|
Diodes Incorporated
|
BD6718FV |
Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
|
ROHM[Rohm]
|
APX9266XI-TRG APX9266XI-TRL |
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
|
Anpec Electronics Coropration
|
BD6722FS |
Single-Phase Full-Wave Motor Driver for Fan Motor 单相全波电机风扇电机驱动
|
Rohm Co., Ltd.
|
BH6779FVM |
Single-Phase Full-Wave Motor Driver for Fan Motor
|
Rohm
|
BD6709FS |
Single-Phase Full-Wave Motor Driver for Fan Motor
|
ROHM[Rohm]
|
B59300 |
Motor Protection
|
EPCOS
|
KA9259CDTF KA9259CD KA9259EDTF KA9259ED |
5-channel motor drive which drives focus actuator, tracking actuator, sled motor, spindle motor and loading motor of CD system. 5-Channel Motor Driver
|
FAIRCHILD[Fairchild Semiconductor]
|