PART |
Description |
Maker |
XCV100-4BG256C |
IC,FPGA,2700-CELL,CMOS,BGA,256PIN,PLASTIC
|
Xilinx
|
MCP73826 MCP73826-4.1VCHTR MCP73826-4.2VCHTR |
Single Cell Lithium-Ion Charge Management Controller The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging ... The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. An overall system accuracy of 1% ensures that the cell capaci
|
Microchip Technology
|
TW13-D787-001 TW13-D783-001 SKYWORKSSOLUTIONSINC.- |
250 - 2700 MHz Linear, Low Current Power Amplifier Driver 250 - 2700 MHz的线性,低电流功率放大器驱动
|
TE Connectivity, Ltd. Skyworks Solutions, Inc.
|
BGA777L7 |
Single-Band UMTS LNA (2300 - 2700 MHz)
|
Infineon Technologies AG
|
AFL5003.3SX/CH AFL5003.3SW/ES AFL5003.3SY/CH AFL50 |
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Analog IC 模拟IC Single Cell to 3.3V Regulated Charge Pump DC/DC Converter 模拟IC
|
DB Lectro, Inc. Air Cost Control Amphenol, Corp.
|
SI9731 |
渭P Controlled Li-ion Battery Charger
Pulse Charges 1 to 3 Cells
Integrated MOSFETs UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries μP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries(用于1节锂电池-3节镍镍镉电池的μP控制的电池充电器)
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
SC-7415 |
Heterotrimeric G protein function cell surface receptor cells to convey information in effect SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination Heterotrimeric G proteins function to relay information from cell surface receptors to intracellular effectors
|
ETC SCBT[Santa Cruz Biotechnology, Inc.]
|
B49410B2126Q000 |
Single cell 1200 F/ 2.5 V
|
EPCOS[EPCOS]
|
B49410B2366Q000 |
Single cell 3600 F/ 2.5 V
|
EPCOS[EPCOS]
|
B49410B2605Q000 |
Single cell 600 F/ 2.5 V
|
EPCOS[EPCOS]
|
MAX849 MAX848 MAX848ESE MAX848-MAX849 MAX849ESE |
1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters 1节至3节电池,大功率,低噪声,升压型DC - DC转换 1-Cell-to-3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters 1-Cell to 3-Cell / High-Power / Low-Noise / Step-Up DC-DC Converters
|
Maxim Integrated Products, Inc. Maixm MAXIM - Dallas Semiconductor
|
EMC5060-44HG20NRR EMC5060-60HG20NRR EMC5060-50HG20 |
Single-cell Li-Ion Charger IC
|
Elite Semiconductor
|