PART |
Description |
Maker |
B41605A8568M009 B41605 B41605A0188M002 B41605A0188 |
Large size Aluminum electrolytic capacitors
|
EPCOS[EPCOS]
|
LP103M1EBK250400 |
ALUMINUM ELECTROLYTIC CAPACITORS LP Series: Large Can Size, 3 Leaded
|
RFE international
|
MEK122M2V-B075 |
ALUMINUM ELECTROLYTIC CAPACITORS MEK Series: Large Can Size, Screw Terminal
|
RFE international
|
MGK122M2V-B075 |
ALUMINUM ELECTROLYTIC CAPACITORS MGK Series: Large Can Size, Screw Terminal, 105 °C
|
RFE international
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
36DY153F040AC2A 36DY153F040AL2A 36DY153F060BB2A 36 |
Aluminum Capacitors 85 ∑C, Large Can Aluminum Capacitors 85 °C, Large Can Aluminum Capacitors 85 掳C, Large Can Aluminum Capacitors 85 隆?C, Large Can
|
http:// Vishay Siliconix
|
36DA273F050BB2A 36DA122F450BC2A 36DA271F350AA2A 36 |
Aluminum Capacitors 85 ∑C and 95 ∑C, Large Can Aluminum Capacitors 85 °C and 95 °C, Large Can Aluminum Capacitors 85 掳C and 95 掳C, Large Can Aluminum Capacitors 85 隆?C and 95 隆?C, Large Can
|
Vishay Siliconix
|
G8522-02 G8522 G8522-01 G8522-03 |
Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 420V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 180V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 120uF; Voltage: 420V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 560uF; Voltage: 180V; Case Size: 22x30 mm; Packaging: Bulk GaAs PIN photodiode
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
NRLRW822M80V35X30F NRLRW NRLRW103M100V20X25F NRLRW |
Large Can Aluminum Electrolytic Capacitors
|
NIC[NIC-Components Corp.]
|
MXR 100MXR3300M30X45 100MXR3300M35X35 100MXR3900M3 |
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
|
http:// RUBYCON[RUBYCON CORPORATION]
|
ECHA201VSN102MA30S ECHA401VSN820MP25S ECHA201VSN82 |
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
|
United Chemi-Con, Inc.
|
NRLMW332M50V22X45F NRLMW103M100V25X50F NRLMW103M16 |
Large Can Aluminum Electrolytic Capacitors 大型铝电解电容器
|
NIC Components Corp. NIC Components, Corp.
|