PART |
Description |
Maker |
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
B4150CK5-4.5 B4150CK5-5.7 B4150CK5-2.0 B4150CK5-2. |
4.5V 150mA CMOS low dropout LDO 5.7V 150mA CMOS low dropout LDO 2.0V 150mA CMOS low dropout LDO 2.1V 150mA CMOS low dropout LDO 2.3V 150mA CMOS low dropout LDO 2.2V 150mA CMOS low dropout LDO 2.5V 150mA CMOS low dropout LDO 2.4V 150mA CMOS low dropout LDO 2.7V 150mA CMOS low dropout LDO 2.9V 150mA CMOS low dropout LDO 2.8V 150mA CMOS low dropout LDO 3.0V 150mA CMOS low dropout LDO 3.1V 150mA CMOS low dropout LDO 3.2V 150mA CMOS low dropout LDO 3.4V 150mA CMOS low dropout LDO 3.3V 150mA CMOS low dropout LDO 3.5V 150mA CMOS low dropout LDO 3.6V 150mA CMOS low dropout LDO 3.7V 150mA CMOS low dropout LDO 3.8V 150mA CMOS low dropout LDO 3.9V 150mA CMOS low dropout LDO 4.0V 150mA CMOS low dropout LDO 4.1V 150mA CMOS low dropout LDO 4.2V 150mA CMOS low dropout LDO 4.3V 150mA CMOS low dropout LDO 4.4V 150mA CMOS low dropout LDO 4.6V 150mA CMOS low dropout LDO 5.8V 150mA CMOS low dropout LDO 4.7V 150mA CMOS low dropout LDO 4.8V 150mA CMOS low dropout LDO 4.9V 150mA CMOS low dropout LDO 5.9V 150mA CMOS low dropout LDO 5.4V 150mA CMOS low dropout LDO
|
BayLinear
|
AMS2951ACP-25 AMS2951ACP-30 AMS2951ACP-33 AMS2951A |
3.3V 150mA low dropout voltage regulator 3.0V 150mA low dropout voltage regulator 2.5V 150mA low dropout voltage regulator 150mA LOW DROPOUT VOLTAGE REGULATOR 150mA的低压差稳压 JT 6C 6#12 PIN RECP
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
ILC7082AIM5-30 ILC7082AIM5ADJX ILC7082 ILC7082ADJ |
0.15A Low Dropout Voltage Regulator 150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator 4.7 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LT1129CQ-5TRPBF LT1129CQTRPBF LT1129CQ-3.3PBF LT11 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 400mV Dropout Voltage
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LX8221BIDU-TR LX8221AIDU-TR |
Dual 150mA CMOS Low Dropout Regulator
|
Microsemi Corporation
|
AME8830AEEV285Z AME8830 AME8830AEEV285Y |
Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
|
AKM[Asahi Kasei Microsystems]
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
LND-7900 |
NEGATIVE VOLTAGE LOW DROPOUT REGULATORS Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|