PART |
Description |
Maker |
VKO55-14IO7 VKO55-16IO7 VKO55-12IO7 VGO55-08IO7 VG |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR Single Phase Rectifier Bridge 41 A, 1400 V, SCR Single Phase Rectifier Bridge 41 A, 1200 V, SCR Single Phase Rectifier Bridge 41 A, 800 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
W06M W04M RB151 W02M W005M W08 W01 W06 W10 W01M W0 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:1.5A 1.5A Single Phase Silicon Bridge 1.5A SINGLE - PHASE SILICON BRIDGE 1.5ASinglePhaseSiliconBridge
|
Chenyi Electronics SEMTECH[Semtech Corporation]
|
26MT140 26MT120 36MT80 26MT80 36MT120 26MT20 36MT1 |
THREE PHASE BRIDGE Power Modules 1200V 3 Phase Bridge in a D-63 package 50V 3 Phase Bridge in a D-63 package 1600V 3 Phase Bridge in a D-63 package 1400V 3 Phase Bridge in a D-63 package 1000V 3 Phase Bridge in a D-63 package 100V 3 Phase Bridge in a D-63 package 800V 3 Phase Bridge in a D-63 package THREEPHASEBRIDGEPowerModules THREE PHASE BRIDGE Power Modules 三相桥式电源模块
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
DBF150 DBF150C DBF150G |
Silicon Diffused Junction Type 15A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
1106A 1106FA 1106UFA 1102FA 1102A 1102UFA 1110A 11 |
200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
GBPC3512W GBPC2512A GBPC2512W GBPC3512 GBPC3512A G |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER SINGLE PHASE BRIDGE
|
General Semiconductor IRF[International Rectifier]
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
LTI1406UFT LTI1410UFT LTI1402FT |
600 V single phase bridge 20-25 A forward current, 70 ns recovery time 1000 V single phase bridge 20-25 A forward current, 70 ns recovery time 200 V single phase bridge 20-25 A forward current, 150 ns recovery time
|
Voltage Multipliers
|
FBE22-06N1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Fast Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
VBO105-08NO7 VBO105-12NO7 VBO105-14NO7 VBO105 VBO1 |
Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
http:// IXYS Corporation
|