PART |
Description |
Maker |
SAFC942.5MYJ1C0T-TC00 SAFC902.5MC90T-TC11 SAFC902. |
1 FUNCTIONS, 942.5 MHz, SAW FILTER CERAMIC, SC33 1 FUNCTIONS, 902.5 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 895.5 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 820 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
TFS72A |
1 FUNCTIONS, 72.54 MHz, SAW FILTER
|
VECTRON INTERNATIONAL
|
B39700-B2581-E110 |
1 FUNCTIONS, 70 MHz, SAW FILTER
|
EPCOS AG
|
SAFEA751MFM0F00R12 |
1 FUNCTIONS, 751 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
SAFEA1G43KA0F00 |
1 FUNCTIONS, 1437.9 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
B39152-B4061-U510 |
1 FUNCTIONS, 1490 MHz, SAW FILTER
|
EPCOS AG
|
SAWEP942MCM0F00R12 |
1 FUNCTIONS, 942.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
B39182-B7716-B610 |
1 FUNCTIONS, 1842.5 MHz, SAW FILTER
|
EPCOS AG
|
B39202B9506L310 |
1 FUNCTIONS, 1960 MHz, SAW FILTER
|
EPCOS AG
|
|