PART |
Description |
Maker |
B25673A4062A010 B25673A4062A01009 |
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
|
Epson Company EPCOS
|
B25836B6167A305 |
Film capacitors - Power Factor Correction MKV capacitors
|
EPCOS
|
B25655J4507K005 |
Film capacitors - Power electronic capacitors
|
EPCOS
|
B25667C4387A375 |
Film Capacitors ?Power Electronic Capacitors
|
TDK Electronics
|
B25667C4247A375 |
Film Capacitors ?Power Electronic Capacitors
|
TDK Electronics
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
81DA472M035JA2D 81DA561M250MB2D 81DA103M035KB2D 81 |
Aluminum Capacitors 105 C/ Snap-in Aluminum Capacitors 105 C Snap-in Aluminum Capacitors 105 ∑C, Snap-in Aluminum Capacitors 105 隆?C, Snap-in Aluminum Capacitors 105 掳C, Snap-in Aluminum Capacitors 105 °C, Snap-in Linear Voltage Regulators for Automotive Applications; Package: PG-SCT595-5; Regulator Type: tracker; Output Voltage: adj.; Accuracy: 0.5 %; Max. Output Current: 50mA; Dropout Voltage: 300mV 铝电容器105ΣC,管理单
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
B32333-250 |
Film Capacitors ?AC Capacitors Motor run capacitors
|
TDK Electronics
|
B32335I6206J00 |
Film Capacitors ?AC Capacitors Motor run capacitors
|
TDK Electronics
|
B25631A0127K800 B25631A0187K800 B25631A0157K700 B2 |
Film Capacitors - Power Electronic Capacitors Film Capacitors - Power Electronic Capacitors
|
TDK Electronics
|
LT1181A LT1180A LT1180ACN LT1180ACSW LT1180AIN LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology, Corp. Linear Integrated Systems
|
935C2W3K-F 935H1W3K-F 935C4W3K-F 935C1W3K-F 935C1W |
High Current Capacitors for Switching Power Supplies Polypropylene Capacitors for High Frequency Filtering
|
Cornell Dubilier Electr...
|