PART |
Description |
Maker |
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
AP1034 AP1038 AP1023 AP1145 AP1037 AP1022 AP1065 A |
TRANSISTOR | BJT | PNP | 275V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 170V V(BR)CEO | 10A I(C) | TO-5 TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 10A I(C) | TO-33 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 10A条一(c)|
|
SCHURTER AG
|
PBSS5350SS PBSS4350SPN PBSS4350SS PBSS5350SS115 |
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V. Philips Semiconductors NXP[NXP Semiconductors]
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
D1103 D3232 D45D1 D43D6 D45D3 D45D5 DG189AP/883B D |
Refresh Counter TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 4A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3 Non-Muxed Address DRAM Muxed地址内存 Analog Switch 模拟开 Peripheral Miscellaneous 周边杂项
|
Intersil, Corp. Rochester Electronics, LLC
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SB857 2SB857-B-T6CK 2SB857-B-T6CR 2SB857-B-T6CT 2 |
SILICON PNP TRANSISTOR 硅PNP晶体 SILICON PNP TRANSISTOR 4 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252
|
??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|