PART |
Description |
Maker |
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
ADA4627-1ARZ ADA4627-1ACPZ-R7 |
36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-pin; Temperature Range: -40°C to 125°C 36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-LFCSP (Lead Form Chip Scale); Temperature Range: -40°C to 125°C
|
ANALOG DEVICES INC
|
ISL29020IROZ-T7 |
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|
EDI8F32256C EDI8F32256C-MN EDI8G32256C-MM |
256Kx32 Static RAM CMOS, High Speed Module(256Kx32高速CMOS静态RAM模块) SRAM Modules TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation 3M Company
|
FPQ331 FPQ76 PMQPW250 PMQ440 |
Analog IC High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 高压大电流SOT-23封装检测放大器,封装类型:SOT;引脚数量:5;工作温度:0℃_70 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 模拟IC
|
Murata Manufacturing Co., Ltd. TE Connectivity, Ltd.
|
AM21L41-15DCB AM21L41-15PCB AM21L41-20DCB AM21L41- |
250µA, 3MHz, 200V/µsOperational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifier; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 12MHz, 400V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Power Synchronous DC/DC Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x1的SRAM
|
RECOM Electronic GmbH
|
ISL76161 ISL76161AVZ ISL76161AVZ-T ISL76161AVZ-TK |
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter; Temperature Range: -25°C to 85°C; Package: 28-TSSOP T&R PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PDSO28
|
Intersil Corporation Intersil, Corp.
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
LT1641-1CS8 LT1641-2IS8 LT1641-2CS8 LT1641-1 LT164 |
Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
EDI7P004FVA0300C15 EDI7P002FVA0400I15 EDI7P002FVA0 |
Dual Ultra Low Noise Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-PDIP Peripheral Miscellaneous Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 28-PDIP 周边杂项 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 周边杂项 1M X 16 FLASH 5V PROM CARD, 100 ns, XMA68 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
KEMET Corporation Bourns, Inc. MICROSEMI CORP-PMG MICROELECTRONICS
|
ISL55110IRZ-T ISL55110-11 |
Dual, High Speed MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 3.5 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
ISL8014IRZ-T |
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 6.6 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil, Corp.
|