PART |
Description |
Maker |
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
AZ100LVEL16DR1 AZ100LVEL16DR2 |
3.0 V-5.5 V, ECL/PECL differential receiver
|
Arizona Microtek
|
AZP96NG AZP96 |
ECL/PECL Differential Receiver
|
AZM[Arizona Microtek, Inc]
|
AZP96 AZP9609 |
ECL/PECL Differential Receiver
|
Arizona Microtek, Inc
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
AZ100EL16VS_06 AZ100EL16VS AZ100EL16VSD AZ100EL16V |
ECL/PECL Differential Receiver with Variable Output Swing
|
List of Unclassifed Man... AZM[Arizona Microtek, Inc] ETC[ETC] List of Unclassifed Manufacturers
|
P4SMAJ P4SMAJ9.0 P4SMAJ9.0A P4SMAJ9.0C P4SMAJ8.0 P |
-3.3V / -5V Triple ECL Input to PECL Output Translator; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V / 5V ECL Quad 4-Input OR/NOR; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tray; Qty per Container: 250 JT 6C 6#22D SKT WALL RECP Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No JT 13C 13#22M SKT RECP 5V Dual Differential PECL to TTL Translator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 3.3V / 5V ECL Quad 4-Input OR/NOR; Package: 32 QFN, 5 x 5 mm, 0.5 mm pitch, exposed pad; No of Pins: 32; Container: Tape and Reel; Qty per Container: 1000 JT 61C 61#20 PIN PLUG Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tray; Qty per Container: 250 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tape and Reel; Qty per Container: 2000 Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No 3.3V / 5V 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 表面贴装瞬态电压抑制器 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 单电源RS232C接口线路驱动接收器(单电源RS232C接口线收发器收) 3.3V / 5V ECL 9-Bit Shift Register; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tape and Reel; Qty per Container: 2000 表面贴装瞬态电压抑制器 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 表面贴装瞬态电压抑制器 3.3 V / 5V ECL Differential Receiver/Driver; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 3.3V / 5V ECL Differential Receiver/Driver; Package: DFN8 2.0x2.0x0.9mm, 0.5p; No of Pins: 8; Container: Tape and Reel; Qty per Container: 1000 Differential -5V ECL To TTL Translator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V Dual Differential PECL to TTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5V ECL Voltage Controlled Oscillator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
|
http:// TRSYS Transys Electronics Ltd. Transys Electronics, Ltd.
|
AZ100LVEL11 AZ100LVEL11D AZ100LVEL11NG AZ100LVEL11 |
PECL/ECL 1:2 Differential Fanout Buffer
|
Arizona Microtek, Inc
|
AZ100LVE210FNR2 |
3.0 V-5.5 V, ECL/PECL 1:4, 1:5 differential clock driver
|
Arizona Microtek
|