PART |
Description |
Maker |
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
AT40K05 AT40K05LV AT40K10LV AT40K20LV AT40K40LV |
AT40K05/10/20/40(LV) Summary [Updated 5/02. 4 Pages] 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam. AT40K05/10/20/40(吕)摘要[更新5 / 024页] 5K - 5万门的FPGA与DSP优化的核心细胞和分布式FreeRam From old datasheet system
|
STMicroelectronics N.V. Atmel Corp
|
AT76C111NBSP AT76C111 |
AT76C111 Summary [Updated 8/02. 3 Pages] A highly Integrated Solution for Digital Cameras. It combines a number of functions that are required in implementing digital cameras. The Complete is available under Non-Disclosure Agreement. High-Performance Digital Camera Processor
|
ATMEL Corporation
|
AT88SC0808CRF |
AT88SC0808CRF Summary [Updated 05/03. 9 Pages] Contactless 8-Kbit user memory with authentication and encryption. ISO/IEC 14443 Type B compliant CryptoRF EEPROM Memory 8 Kbits Contactless 8-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant.
|
ATMEL
|
ATC20 |
ATC20 Summary [Updated 9/02. 11 Pages] The ATC20 Cell-based ASIC (CBIC) family features a comprehensive library of 0.21-micron standard logic and I/O The ATC20 Cell-based ASIC (CBIC) family features a comprehensive library of 0.21-micron standard logic and I/O cells designed to operate with a supply voltage of 1.8V /- 0.15V and memory cells compiled to the precise requirements of the d
|
ATMEL Corporation
|
MC68QH302 MC68QH302PV16 MC68QH302PV25 MC68QH302PV2 |
MC68QH302 Quad HDLC Integrated Multiprotocol Processor Tech. Summary Product Brief MC68QH302 Quad HDLC Integrated Multiprotocol Processor Technical Summary
|
MOTOROLA[Motorola, Inc]
|
MC68HC11ED0CFN2 MC68HC11ED0CFN3 MC68HC11ED0CFU3 MC |
Technical Summary
|
Freescale Semiconductor, In...
|
MC68HC11F1 MC68HC11F1CFN2 MC68HC11F1CFN3 MC68HC11F |
Technical Summary 8-Bit Microcontroller
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
GPMP600 |
ENVIRONMENTAL REPORT: EXECUTIVE SUMMARY
|
SL Power Electronics
|
DSP16A |
Instruction Set Summary and Programmable Registers
|
AT & T
|
MC68HC705L5FUE |
Techinical Summary 8-Bit Microcontroller Unit
|
Freescale Semiconductor, Inc
|