PART |
Description |
Maker |
AT25320 AT25320-10PC AT25320-10PC-1.8 AT25320-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 8-Input NAND Gate 14-TSSOP -55 to 125 SPI Serial EEPROMs 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 High Speed CMOS Logic 8-Input Multiplexer with 3-State Outputs 16-SOIC -55 to 125 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 128 x 128 pixel format, LED Backlight available 128 x 128 pixel format, LED or EL Backlight available CAP 220PF 200V 1% NP0(C0G) DIP-2 BULK M-MIL-C-39014 CAP 100PF 200V 10% NP0(C0G) DIP-2 BULK M-MIL-C-39014
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
AT25128-10SC AT25128-10SC-1.8 AT25128-10SC-2.7 AT2 |
SPI Serial EEPROMs SPI Serial E2PROMs High Speed CMOS Logic Quad-Bus Transceivers with 3-State Outputs 14-SOIC -55 to 125
|
http:// ATMEL[ATMEL Corporation] Atmel Corp.
|
AT25256AU2-10UU-1.8 AT25128AN-10SI-1.8 AT25128AN-1 |
SPI Serial EEPROMs
|
http://
|
AT25640A AT25080A AT25080A_07 AT25080A-10PU-1.8 AT |
SPI Serial EEPROMs
|
ATMEL[ATMEL Corporation]
|
AT25320 |
Spi Serial EePROMs
|
ATMEL
|
AT25640A AT25160A AT25640A-10PE-2.7 AT25640A-10PI- |
(AT25xxxA) SPI Serial EEPROMs
|
ATMEL[ATMEL Corporation]
|
BR25L080-W BR25L160-W BR25L040-W BR25L640-W BR25L3 |
SPI BUS Serial EEPROMs
|
Rohm
|
AT25640B-PUBULK AT25320BY6-YH-T AT25320BU2-UU-T AT |
SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
|
ATMEL Corporation
|
24C128 AT24C128 AT24C128-10CC AT24C128-10CC-1.8 AT |
2-WireSerialEEPROMs 128 x 64 pixel format, LED or EL Backlight available BOX WATERTIGHT 4.70X4.70X1.1,1 Triple 3-Input Positive-NOR Gate 14-TSSOP -40 to 85 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 122 x 32 pixel format, Compact LCD size Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SSOP -40 to 85 Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SOIC -40 to 85 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs 2线串行EEPROM 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-Wire Serial EEPROMs 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs
|
http:// ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
24LC02B 24LC02B-MT 24LC01B 24LC01B-MT 24LC02BMODUL |
1K/2KI2CSerialEEPROMsinISOMicromodules 2K IIC Serial EEPROM In ISO Micromodul(2K1M次擦写周ISO模块) Stand-Alone OCV-Based Fuel Gauge 1K/2K I 2 C Serial EEPROMs in ISO Micromodules 1K/2K的I 2 C⑩在ISO微型模块串行EEPROM Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers 1K/2K I 2 C ?Serial EEPROMs in ISO Micromodules
|
MicrochipTechnology Microchip Technology Inc. Microchip Technology, Inc.
|