PART |
Description |
Maker |
IDCS-2512 |
High Current, Drum Core Inductor HIGH CURRENT, SHIELDED, SURFACE MOUNT INDUCTOR
|
Vishay Siliconix
|
ASPI-4122H-R30 ASPI-4122H-R15 ASPI-4122S-R80 ASPI- |
HIGH CURRENT SHIELDED INDUCTOR
|
ABRACON[Abracon Corporation]
|
S1812R-121K S1812R-122K S1812R-152K S1812R-102K S1 |
Shielded Surface Mount Inductors INDUCTOR SHIELDED 1.5UH SMD 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 1.0UH SMD 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 3.3UH SMD 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 4.7UH SMD 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 22UH SMD 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 680UH SMD 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 180UH SMD 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 10UH SMD 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
API Delevan
|
SPD125R-334M SPD127R-334M SPD125-334M SPD127-334M |
INDUCTOR PWR SHIELDED 330UH SMD 1 ELEMENT, 330 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 82UH SMD 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 47UH SMD 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Shielded Surface Mount Inductors INDUCTOR PWR SHIELDED 22UH SMD 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 15UH SMD 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 180UH SMD 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR PWR SHIELDED 68UH SMD
|
API Delevan
|
SRR1280-391K SRR1280-102K SRR1280-2R4Y |
SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHOKE, POWER, SHIELDED, 2.5UH; Inductor type:Shielded Power Choke; Inductance:2.5uH; Tolerance, inductance: /-30%; Resistance:10mR; Current, DC max:9.2A; Frequency, resonant:45.0MHz; Case style:SMD Shielded; Q factor:20; Material, RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
IHSM-4825RE3R9L IHSM-4825 |
High Current, Flame Retardant Encapsulated Inductor HIGH CURRENT, SURFACE MOUNT INDUCTOR High Current/ Surface Mount Inductor
|
Vishay Siliconix
|
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
IDC7328NB100M IDC-7328 |
High Current, Drum Core Inductor High Current, Surface Mount Inductor
|
VISAY[Vishay Siliconix]
|
MSS1278-682ML MSS1278-103ML MSS1278-104ML MSS1278- |
SMT Power Inductors Power inductor, shielded, 10/20% tol, SMT, RoHS 1 ELEMENT, 1.4 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10/20% tol, SMT, RoHS 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 1 ELEMENT, 330 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10/20% tol, SMT, RoHS 1 ELEMENT, 120 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10/20% tol, SMT, RoHS 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
AIRV-144-10.5T-JS AIRV-143-12.5T-J AIRV-144-4.5T-J |
SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR UNSHIELDED, 0.578 uH - 0.95 uH, VARIABLE INDUCTOR UNSHIELDED, 0.132 uH - 0.195 uH, VARIABLE INDUCTOR SHIELDED, 0.433 uH - 0.585 uH, VARIABLE INDUCTOR
|
ABRACON CORP
|
SDR0805-2R5M SDR0805-100M SDR0805-120M BOURNSINC-S |
MAGNETICS - NON-SHIELDED POWER INDUCTOR 1 ELEMENT, 2.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductors 10uH 7.8mm SMD Inductor; Inductor Type:Power; Inductance:12uH; Inductance Tolerance: 20 %; Current Rating:3A; Series:SDR0805; Core Material:Ferrite DR; Leaded Process Compatible:No; Mounting Type:Surface Mount; Operating Temp. Min:-40 C RoHS Compliant: No
|
Bourns, Inc. BOURNS INC
|
|