PART |
Description |
Maker |
EMC1023 EMC1023-2-ACZL-TR EMC1023-1-ACZL-TR EMC102 |
DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT 3 X 3 MM, 0.65 MM PITCH, MSOP-8 1°C Triple Temperature Sensor with Resistance Error Correction 1∑C Triple Temperature Sensor with Resistance Error Correction 1?? Triple Temperature Sensor with Resistance Error Correction
|
SMSC, Corp. SMSC[SMSC Corporation]
|
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
TSIC-101 |
Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
|
Zentrum Mikroelektronik Dresden AG ZMD[Zentrum Mikroelektronik Dresden GmbH] N.A.
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
AD7816AR-REEL7 AD7818ARZ-REEL7 AD7818ARMZ-REEL7 AD |
Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor DIGITAL TEMP SENSOR-SERIAL Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: SOIC; No of Pins: 16; Temperature Range: Commercial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 DIGITAL TEMP SENSOR-SERIAL MO-153-AB, TSSOP-16 DIGITAL TEMP SENSOR-SERIAL MO-187-AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL MS-012-AA, SOIC-8
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
AD7314 7314 AD7314ARM |
Complete Temperature Monitoring System in an 8-Pin SOIC Package Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead SOIC Low-Voltage 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage/ 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
|
AD[Analog Devices]
|
MAX6516-BMAX6519 MAX6516-MAX6519 MAX6519UK MAX6516 |
Low-Cost / 2.7V to 5.5V / Analog Temperature Sensor Switches in a SOT23 Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 Low-Cost. 2.7V to 5.5V. Analog Temperature Sensor Switches in a SOT23 8-Bit Shift Register 20-PDIP -40 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6509HAUK-T MAX6509 |
Resistor-Programmable SOT Temperature Switches From old datasheet system TEMPERATURE SENSOR,TSOP,6PIN,PLASTIC
|
Maxim Integrated Products, Inc. Maxim Integrated Products Inc
|
BU9817FV |
Multimedia LSIs > For personal computer > Thermal sensor controller 4-channel temperature sensor IC for PCs with I2C BUS interface
|
Rohm
|
EVAL-ADT7483EB ADT7483AARQZ-RL ADT7483AARQZ-R7 |
Dual Channel Temperature Sensor and Over Temperature Alarm
|
ON Semiconductor
|