PART |
Description |
Maker |
MP86884DQKT MP86884-3DQKT-LF-Z |
Intelli-Phase Solution (Integrated HS/LS FETs and Driver) in 6x6mm TQFN
|
MPS Industries, Inc.
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
WPS512K32-15PJC WPS512K32-15PJI WPS512K32-17PJC WP |
512K x 8 SRAM, 15ns 512K x 8 SRAM, 17ns 512K x 8 SRAM, 20ns 512K x 8 SRAM, 25ns
|
White Electronic Designs
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
AT27C800-10PC AT27C800 AT27C800-10 AT27C800-12 AT2 |
SWTCH PLUNGR SPDT 20A SCREW TERM 8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM 512K X 16 OTPROM, 100 ns, PDIP42 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-TSSOP -40 to 85 512K X 16 OTPROM, 120 ns, PDSO44 Quadruple Bilateral Analog Switch 14-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
CY7C1049B CY7C1049B-17VC CY7C1049B-17VI CY7C1049B- |
512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 20 ns, PDSO36 CIR 13C 13#12 SKT PLUG 512K X 8 STANDARD SRAM, 20 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 17 ns, PDSO36
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor] http://
|
A28F400BX-B |
4-MBIT (512K x8) Boot Block Flash Memory(4兆位(512K x8) 引导块闪速存储器)
|
Intel Corp.
|
CY62148ELL-55SXA |
4-Mbit (512K x 8) Static RAM 512K X 8 STANDARD SRAM, 55 ns, PDSO32
|
Cypress Semiconductor, Corp.
|
CY14B104L-BA15XCT CY14B104L-BA15XI |
4 Mbit (512K x 8/256K x 16) nvSRAM 512K X 8 NON-VOLATILE SRAM, 15 ns, PBGA48
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
|