PART |
Description |
Maker |
IRF130-133 IRF131 IRF132 IRF133 IRF532 IRF533 IRF5 |
N-Channel Power MOSFETs 20 A 60-100 V N-Channel Power MOSFETs/ 20 A/ 60-100 V CAP 220PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 N-Channel Power MOSFETs, 20 A, 60-100 V N沟道功率MOSFET0甲,60-100 V
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRFR120 IRFU120 FN2414 |
8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs 8.4 A, 100 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA (IRFR120 / IRFU120) N-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IXFH9N80Q IXFT9N80Q |
HiPerFET Power MOSFETs Q-Class 9 A, 800 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation] ETC[ETC]
|
IRFU110 IRFR110 FN3275 |
From old datasheet system 4.7A, 100V, 0.540 Ohm, N-Channel Power MOSFETs (IRFR110 / IRFU110) N-Channel Power MOSFETs
|
HARRIS SEMICONDUCTOR Intersil Corporation
|
MRF6S19100H MRF6S19100HR3 MRF6S19100HR306 MRF6S191 |
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs MRF6S19100HSR3 1930-1990 MHz, 22 W Avg., 28 V, 2 x N-CDMA Lateral N-Channel RF Power MOSFETs
|
Freescale Semiconductor, Inc MOTOROLA
|
IRF6723M2DTR1P IRF6723M2DTR1PBF IRF6723M2DTRPBF IR |
15 A, 30 V, 0.0066 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters Replaces Two Discrete MOSFETs
|
International Rectifier
|
IXFH80N10Q IXFT80N10Q |
N-Channel Enhancement Mode HiPerFET Power MOSFET(??ぇ婕???荤┛?靛?00V,瀵奸??甸?5m惟??娌??澧?己??iPerFET???MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-Class
|
IXYS Corporation
|
IXFN180N20 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电0mΩ的N沟道增强型HiPerFET功率MOSFET) HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS Corporation
|
FSYA254R4 FSYA254D FSYA254D1 FSYA254D3 FSYA254R FS |
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 21 A, 250 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 抗辐射,抗SEGR N沟道功率MOSFET Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FSL9230D FSL9230D1 FSL9230D3 FSL9230R FSL9230R1 FS |
3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 3A 200V的电压,1.50欧姆,拉德硬,SEGR性,P通道功率MOSFET 3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 3 A, 200 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF From old datasheet system 3A/ -200V/ 1.50 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HUFA75542P3 HUFA75542S3S HUFA75542S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 80V V(BR)DSS | 75A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 80V的五(巴西)直| 75A条(丁)|63AB 75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs 75 A, 80 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs 75 A, 80 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 75A 80V 0.014 Ohm N-Channel UltraFET Power MOSFETs
|
Intersil, Corp. Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL9N312AD3 ISL9N312AD3ST ISL9N312AD3STNL ISL9N312 |
N-Channel Logic Level PWM Optimized UltraFET TrenchPower MOSFETs N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs PS MEDICAL SWITCHING 12V 4.7A 50 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA POWER SUP SWITCHER 41W 24V MED 50 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
|