PART |
Description |
Maker |
IGD962 |
Hybrid Integrated Isolated N-Channel IGBT Driver
|
MicroPower Direct, LLC
|
2ED020I12-F |
Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 2 A 2 CHANNEL, HALF BRIDGE BASED PRPHL DRVR, PDSO18
|
Infineon Technologies AG
|
SKHI2407 |
Hybrid Dual IGBT Driver
|
Semikron International
|
1EDS20I12SV |
Single-channel isolated IGBT Driver
|
Infineon Technologies A...
|
BG2B |
Universal Dual IGBT Module Gate Driver Board
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2ZH52 P8SG-0505ZH52 P8SG-053R6ZH52 P8SG-1 |
Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated dual output 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 5.2千伏隔震1.5糯稳压双输出DIP24 Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
P6MU-XXXXZH52 P6MU-0505ZH52 P6MU-053R3ZH52 P6MU-12 |
Input voltage:5V, output voltage /-5V ( /-100mA), 5.2KV isolated 1W unregulated dual output 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 5.2千伏隔震1W的未稳压双输出DIP14 Input voltage:24V, output voltage /-7.2V ( /-69mA), 5.2KV isolated 1W unregulated dual output
|
PEAK[PEAK electronics GmbH] http://
|
IXGR40N60B |
HiPerFASTTM IGBT (Electrically Isolated Backside)
|
IXYS Corporation
|
IXEL40N400 |
Very High Voltage IGBT ( Electrically Isolated Tab)
|
IXYS Corporation
|
MAX2511 MAX252 MAX252ACHL MAX252AEHG MAX252BCHL MA |
From old datasheet system Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module Complete / 5V-Powered / Isolated / Dual RS-232 Transceiver Module Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-19 RoHS Compliant: No
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|