PART |
Description |
Maker |
APTGL475U120DAG |
Single Switch Series Diodes
|
Microsemi
|
APTM20UM04SAG |
Single Switch Series And Parallel Diodes
|
Microsemi
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
SC-A142C SC-1420 SC-1421 SC-1427 SC-1429 SC-142A S |
CRYSTAL CLOCK OSCILLATORS SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Quick-connect (H58) Termination
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
APTM100UM65D-ALN |
Single switch with Series diode MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTGF200U120DG |
Single Switch with Series diodes NPT IGBT Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM100UM65SAG |
Single switch Series & parallel diodes MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTGL475U120DAG |
Single switch with Series diode Trench Field Stop IGBT4
|
Microsemi Corporation
|
APTGF300U120DG |
Single Switch with Series diodes NPT IGBT Power Module
|
MICROSEMI[Microsemi Corporation]
|
CXK58257 CXK58257AM CXK58257AM-10 CXK58257AM-10L C |
32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM AC Series Door Switch, Single Pole Double Throw (SPDT) (4), 250 Vac, 5 A, Rod Actuator, Solder Termination 32768字8位高速CMOS静态RAM AC Series Door Switch, Single Pole Double Throw (SPDT) (2), 250 Vac, 5 A, Rod Actuator, Solder Termination
|
Sony, Corp. SONY[Sony Corporation] http://
|
APTM100UM65SCAVG |
Single switch Series & SiC parallel diodes MOSFET Power Module
|
Microsemi Corporation
|
SA15A SA14A SA160 SA8.5A SA8.0A SA9.0A SA6.5A SA50 |
/Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR HS Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 125 Vac, Integral Lever Actuator, Leadwire Termination RES 24.9 OHM 1/16W .5% 0603 SMD
|
DC Components Co., Ltd.
|