PART |
Description |
Maker |
APT30M40LVFR APT30M40B2VFR APT30M40B2VFRG |
Power FREDFET; Package: T-MAX™ [B2]; ID (A): 76; RDS(on) (Ohms): 0.04; BVDSS (V): 300; 76 A, 300 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS V FREDFET
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
FAN2502S26 FAN2503S25 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Pch Power MOSFET; Surface Mount Type: N; Package: VS-8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -6) 积极的固定电压稳压器
|
Fairchild Semiconductor, Corp. 3M Company
|
TC74VHC4053AFK TC74VHC4051AFT |
Loop detection; Vin (V) max.: 24; Icc (mA) max.: 6.45; Fmax (kHz) max.: 400; Topr [Tjopr] (°C): -40 to 125; Remarks: Power factor collection; Package: DIP; Pin count: 16 Synchronous phase shift full-bridge control IC ; Vin (V) max.: 20; Icc (mA) max.: 10; Fmax (kHz) max.: 2 MHz; Topr [Tjopr] (°C): -40 to 125; Remarks: Switching regulator; Package: TSSOP; Pin count: 20
|
Toshiba Corporation
|
FAN1117A FAN1117AD FAN1117AS-3.3 FAN1117AS-5 FAN11 |
1.8 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 From old datasheet system Analog Video Front-End Processors; Function: 3in/1out component video switching and frequency detection; Features: YCbCr/RGB or D-pin, auto sync FETs - Nch 150VFETs - Nch 150VFETs - Nch 150VFETs - Nch 60V<VDSS=150V; ; Package: TO-92MOD; R DS On (O): (max 0.95) (max 0.7); P D (W): (max 1) 积极的固定电压稳压器
|
FAIRCHILD SEMICONDUCTOR CORP Yokogawa Electric, Corp.
|
FALDM375 FALDM450 FALDM400 ALDM500 FALDM500 |
; Comments: Please ask for the nearest Toshiba distributor about the production works.; Reverse Voltage, max (V): (max 80) Switching Diodes; Surface Mount Type: Y; Package: SM6; XJE016 JEITA: SC-74; Number of Pins: 6; Features: high-speed switching; Internal connection: 3 in 1; Reverse Voltage, max (V): (max 80) Logic IC High Efficiency Diodes (HEDs); Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; Application Scope: Switching mode power supply; Internal Connection: Center tap; T RR (ns): (max 50); I O (A): (max 600)
|
|
UPD23C64040ALGY-XXX-MK UPD23C64040ALGY-XXX-MJ |
HiRel Silicon Diodes; Package: --; Package: -; IF (max): -; VBR (min): -; rF (typ): -; CT (max): - x8 or x16 ROM (Mask Programmable) x8或x16光盘(掩模可编程
|
NEC, Corp.
|
19MT050XF |
500V Single N-Channel HEXFET Power MOSFET in a MTP package FULL BRIDGE FREDFET MTP HEXFET POWER MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IDT54FCT162374ATPFB IDT54FCT162374TPAB IDT54FCT162 |
FAST CMOS 16-BIT REGISTER (3-STATE) Variable Capacitance Diode for Digital audio; Ratings VR (V): 10; Characteristics n: 2.40 to 3.05; Characteristics rs (ohm) max: 1.8; Characteristics C (pF) max: C1 = 2.60 to 2.90 C3 = 0.97 to 1.08; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.35 to 2.55; Characteristics rs (ohm) max: 0.6; Characteristics C (pF) max: C1=6.62 to 7.02 C4=2.60 to 2.95; Characteristics CVR/CVR: 1/4; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.10 to 2.40; Characteristics rs (ohm) max: 0.75; Characteristics C (pF) max: C0.5 = 7.38 to 7.92 C2.5 = 3.26 to3.58; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 1.680 to 1.750; Characteristics rs (ohm) max: 1.2; Characteristics C (pF) max: C1 = 21.50 to 24.00 C2 = 12.50 to 14.50; Characteristics CVR/CVR: 1/2; Cl: 17; Package: SFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.43 to 2.57; Characteristics rs (ohm) max: 0.75; Characteristics C (pF) max: C0.5 = 7.30 to 7.70 C2.5 = 2.90 to 3.18; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.30 to 2.46; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C0.5 = 18.5 to 20.0 C2.5 = 7.3 to 8.6; Characteristics CVR/CVR: 0.5/2.5; Cl: 7.95; Package: SFP Variable Capacitance Diode for Digital audio; Ratings VR (V): 10; Characteristics n: 2.28 to 2.90; Characteristics rs (ohm) max: 1.1; Characteristics C (pF) max: C1 = 2.90 to 3.30 C3 = 1.12 to 1.30; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.02 to 2.26; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C0.5 = 18.5 to 20.0 C2.5 = 8.55 to 9.45; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.62 min; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C1 = 14.6 to 15.8 C4 = 5.20 to 5.80; Characteristics CVR/CVR: 1/4; Cl: 5.85; Package: EFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 3.0 min; Characteristics rs (ohm) max: 2; Characteristics C (pF) max: C1 = 41.6 to 49.9 C4 = 10.1 to 14.8; Characteristics CVR/CVR: 1/4; Cl: 12.45; Package: SFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 1.73 to 2.10; Characteristics rs (ohm) max: 0.7; Characteristics C (pF) max: C1 = 2.35 to 2.70 C3 = 1.22 to 1.42; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6
|
Integrated Device Technology, Inc.
|
FAN1581PX FAN1581P25X FAN1581P15X FAN1581M15X FAN1 |
FETs - Nch 250VFETs - Nch 250VFETs - Nch 250VFETs - Nch 250V5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
|
Fairchild Semiconductor
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
APT17F80S APT17F80B |
Power FREDFET; Package: D3 [S]; ID (A): 18; RDS(on) (Ohms): 0.58; BVDSS (V): 800; 18 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
Microsemi, Corp. MICROSEMI POWER PRODUCTS GROUP
|