PART |
Description |
Maker |
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
APT50M75LLL APT50M75B2LL APT50M75B2LL_04 APT50M75B |
Power MOSFET; Package: T-MAX™ [B2]; ID (A): 57; RDS(on) (Ohms): 0.075; BVDSS (V): 500; 57 A, 500 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS 7 R MOSFET
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
APT20M22LVR APT20M22LVRG |
Power MOSFET; Package: TO-264 [L]; ID (A): 100; RDS(on) (Ohms): 0.022; BVDSS (V): 200; 100 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 200V 100A 0.022 Ohm
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
UPA2730TP UPA2730TP-AZ UPA2730TP-E2 UPA2730TP-E1 |
Pch enhancement-type MOS FET SWITCHING P-CHANNEL POWER MOSFET SWITCHING N- AND P-CHANNEL POWER MOS FET 42000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET POWER, HSOP-8
|
NEC[NEC]
|
NP40N055KHE NP40N055KHE-E1-AY NP40N055KHE-E2-AY NP |
40 A, 55 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB LEAD FREE, MP-25, TO-220, 3 PIN 40 A, 55 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB LEAD FREE, MP-25ZJ, TO-263, 3 PIN MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
|
ITT, Corp. International Business Machines, Corp. NEC
|
NP48N055KHE NP48N055KHE-E1-AY NP48N055KHE-E2-AY NP |
48 A, 55 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
|
NEC
|
NP80N03KDE NP80N03KDE-E1-AY NP80N03KDE-E2-AY NP80N |
80 A, 30 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB LEAD FREE, MP-25ZJ, TO-263, 3 PIN MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
|
Pericom Semiconductor, Corp. NEC
|
NP80N055PDG-E1B-AY NP80N055PDG-E2B-AY NP80N055MDG- |
MOS FIELD EFFECT TRANSISTOR 80 A, 55 V, 0.0066 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB LEAD FREE, MP-25ZP, TO-263, 3 PIN SWITCHING N-CHANNEL POWER MOS FET
|
Renesas Electronics Corporation
|
NP109N04PUJ NP109N04PUJ-E1B-AY NP109N04PUJ-E2B-AY |
MOS FIELD EFFECT TRANSISTOR 110 A, 40 V, 0.0023 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB LEAD FREE, MP-25ZP, TO-263, 3 PIN SWITCHING N-CHANNEL POWER MOS FET
|
Renesas Electronics Corporation
|
NP22N055IHE NP22N055HHE NP22N055HHE-AZ NP22N055 NP |
Nch MOS FET for High-speed switching MOS FIELD EFFECT TRANSISTOR 22 A, 55 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 MP-3, 3 PIN
|
http:// NEC[NEC] Cypress Semiconductor, Corp.
|
TPH1110FNH |
150V, 200V and 250V power MOSFET U-MOS VIII-H Series Power MOSFET (N-ch 150V<VDSS≤250V)
|
Toshiba, Corp.
|
|