PART |
Description |
Maker |
LHGT680-ML LHGT680-LL |
DUAL COLOR LED, HYPER RED/GREEN, 2.4 mm
|
|
BA3210SURKCGKC |
DUAL COLOR LED, HYPER RED/GREEN, 2 mm
|
KINGBRIGHT CORP
|
Q62703-Q3537 LOM676-NR LOM676-P LOM676-PS LOM676-Q |
Hyper Mini TOPLED Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 1.4 mm Hyper Mini TOPLED Hyper-Bright LED SINGLE COLOR LED, AMBER, 1.4 mm Hyper Mini TOPLED Hyper-Bright LED SINGLE COLOR LED, ORANGE, 1.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG SIEMENS A G
|
LYE676-T1 LYT679-CO LOK382-S LOA670-HK LAM676-Q LA |
SINGLE COLOR LED, YELLOW, 2.4 mm SINGLE COLOR LED, ORANGE, 2.95 mm SINGLE COLOR LED, ORANGE, 2.4 mm SINGLE COLOR LED, AMBER, 1.5 mm SINGLE COLOR LED, AMBER, 2.4 mm SINGLE COLOR LED, SUPER RED, 2.4 mm SINGLE COLOR LED, SUPER RED, 1.4 mm SINGLE COLOR LED, HYPER RED, 2.4 mm SINGLE COLOR LED, GREEN, 2.4 mm DUAL COLOR LED ARRAY, SUPER RED/GREEN, 2 mm
|
Infineon Technologies AG
|
LA3366-PS LA3366-S Q62703-Q3885 LA3366-Q LA3366-QT |
Hyper 3 mm T1 LED / Diffused Hyper-Bright LED Hyper 3 mm T1 LED, Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, YELLOW, 3 mm Hyper 3 mm T1 LED, Diffused Hyper-Bright LED 毫米T1发光二极管,扩散超高亮LED Hyper 3 mm T1 LED, Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, AMBER, 3 mm Hyper 3 mm T1 LED, Diffused Hyper-Bright LED 3毫米T1发光二极管,扩散超高亮LED Hyper 3 mm T1 LED/ Diffused Hyper-Bright LED Hyper 3 mm T1 LED Diffused Hyper-Bright LED
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62703-Q3278 Q62703-Q3284 LST776 LST776-NR LST776- |
SCR PHASE CONTROL 1200V 16A TO64 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 2.4 mm Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper TOPLED RG Hyper-Bright LED 超TOPLED的RG超高亮LED Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
559-3201-007 559-3101-001 559-3001-007 |
T-1 3/4 DUAL COLOR LED, YELLOW/GREEN, 5 mm LED Lamp; LED Color:Red/Green; Luminous Intensity:20ucd; Forward Current:20mA; Forward Voltage:2.1V; Color:Red/Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No T-1 3/4 DUAL COLOR LED, RED/GREEN, 5 mm LED Indicator; Bulb Size:5mm; LED Color:Red/Green; Luminous Intensity:20ucd; Viewing Angle:80 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to 100 C; Color:Red/Green RoHS Compliant: No
|
Dialight PLC DIALIGHT CORP
|
BLF051SURC/E-6V BLF051SURC-E-6V |
5mm FLANGE BASED LED LAMP T-1 3/4 SINGLE COLOR LED, HYPER RED, 5 mm
|
Kingbright Corporation. Kingbright, Corp.
|
BLS101SURC/E-6V |
10mm SCREW BASED LED LAMP T-4 SINGLE COLOR LED, HYPER RED, 10 mm
|
Kingbright, Corp.
|
CMS290CY3K-14VAC-W12 CF292CY5-6VAC-W12 CXS290CB5-1 |
SINGLE COLOR LED, YELLOW, 7.2 mm SINGLE COLOR LED, BLUE, 7.2 mm DUAL COLOR LED, YELLOW/GREEN, 7.2 mm SINGLE COLOR DISPLAY CLUSTER SINGLE COLOR LED, ORANGE, 7.2 mm SINGLE COLOR LED, RED, 7.2 mm DUAL COLOR LED, RED/GREEN, 7.2 mm SINGLE COLOR LED, WHITE, 7.2 mm
|
LEDtronics, Inc. LEDTRONICS INC
|
APTL3216SURCK |
3.2x1.6mm SMD CHIP LED LAMP SINGLE COLOR LED, HYPER RED, 1.1 mm
|
Kingbright, Corp.
|
APTR3216SURC |
3.2x1.6mm SMD CHIP LED LAMP SINGLE COLOR LED, HYPER RED, 1.6 mm
|
Kingbright, Corp. KINGBRIGHT[Kingbright Corporation]
|
|