PART |
Description |
Maker |
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
FAN560209 FAM6502MP45X |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
MB3827 MB3827PFV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
FUJITSU LTD Fujitsu Limited Fujitsu Component Limited.
|
AN8013SH |
Single-channel step-up or step-down DC-DC converter control IC
|
Panasonic Corporation
|
LT3433IFE |
High Voltage Step-Up/Step-Down DC/DC Converter
|
Linear Technology
|
AIC1578 AIC1578CN AIC1578CS |
High-Efficiency, Step-Down DC/DC Converter 高效率,降压DC / DC转换 High-Efficiency/ Step-Down DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
AIC1630 AIC1630-3CN AIC1630-3CS AIC1630-5CN AIC163 |
2-Cell, Step-Up DC/DC Converter Controller 2节电池,升压型DC / DC转换器控制器 2-Cell/ Step-Up DC/DC Converter Controller
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
EV2104DJ-00A CMD4D06-100 MP2104DJ-1.8 MP2104DJ-1.5 |
1.7MHz, 600mA Synchronous Step-Down Converter 1.4 A SWITCHING REGULATOR, 2080 kHz SWITCHING FREQ-MAX, PDSO5 1.7MHz, 600mA Synchronous Step-Down Converter .7MHz00mA的同步降压转换器
|
Monolithic Power Systems, Inc.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|