Part Number Hot Search : 
MX7847BQ 1N5926 STS126 1N4409B SUM90UF 4762A DTA114TE S2186
Product Description
Full Text Search

AMP-25G -    Plug-In Amplifier

AMP-25G_1209637.PDF Datasheet

 
Part No. AMP-25G
Description    Plug-In Amplifier

File Size 70.04K  /  1 Page  

Maker

MINI[Mini-Circuits]



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: AMP01AX
Maker: PMI
Pack: DIP
Stock: 1158
Unit price for :
    50: $26.58
  100: $25.26
1000: $23.93

Email: oulindz@gmail.com

Contact us

Homepage
Download [ ]
[ AMP-25G Datasheet PDF Downlaod from Datasheet.HK ]
[AMP-25G Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for AMP-25G ]

[ Price & Availability of AMP-25G by FindChips.com ]

 Full text search :    Plug-In Amplifier


 Related Part Number
PART Description Maker
AMP-15 AMP-76 AMP75 AMP76 AMP77 (AMP-xx) Operational Ampl
Mini-Circuits
MAR-1 MAR-3 MAR-4 (MAR-x ) ML AMPL / SURF MT / T&R / RoHS
Mini-Circuits
2SA1349 E000515 From old datasheet system
LOW NOISE AUDIO AMPLIFIER APPLICATIONS RECOMMENDED FOR CASCADE
TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS. RECOMMENDED FOR CASCADE, CURRENT MIRROR CIRCUIT APPLICATIONS OF THE FIRST STAGES OF PRE, MAIN AMPL
TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS. RECOMMENDED FOR CASCADE/ CURRENT MIRROR CIRCUIT APPLICATIONS OF THE FIRST STAGES OF PRE/ MAIN AMPL
TOSHIBA[Toshiba Semiconductor]
PIC16C620-20I_P PIC16C622A-20I/SS PIC16C622A-20I/S CENTRONICS PARALLEL CBLS 36 PIN M - 36 PIN M 存储器为基础位CMOS微控制器
Thin non-lighted SPST, red button, "o -" 存储器为基础位CMOS微控制器
Subminiature PCB fuse, solderable into PCBs or fuseholder; Voltage Rating: 125V; Current Rating: 0.1A; Characteristic: Fast Acting 存储器为基础位CMOS微控制器
EPROM-Based 8-Bit CMOS Microcontroller 存储器为基础位CMOS微控制器
存储器为基础CMOS微控制器
SUR ABSORBER 14MM 390V 4500A ZNR
NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75
CAP 0.27UF 50V 10% NP0(C0G) SMD-1825 BULK TIN/LEAD/ALLOY S-MIL-PRF-55681
Mini non-lighted SPDT, 2pos, unprinted
CONNECTOR ACCESSORY
RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes
SMD BRIDGE RECTIFIER
Small Signal Transistor General Purpose, NPN AMPL/SWITCH
NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75
Coaxial Inter Series Adaptor; Convert From:N Jack; Convert To:SMA Plug RoHS Compliant: Yes
RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes
RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Bulkhead Adapter, Jack-Jack RoHS Compliant: Yes
RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:SMB Plug RoHS Compliant: Yes
Microchip Technology, Inc.
Microchip Technology Inc.
 
 Related keyword From Full Text Search System
AMP-25G Sipat AMP-25G Application AMP-25G Resistor AMP-25G port AMP-25G Corporate
AMP-25G Corporation AMP-25G enhancement AMP-25G free down AMP-25G Fixed AMP-25G buffer
 

 

Price & Availability of AMP-25G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.51515603065491