PART |
Description |
Maker |
HSMD-A100-K4PJ2 HSMM-A101-R00J1 HSMV-A100-S80J1 HS |
PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
CA-PLCC32-Z-J-T-01 |
Carrier Adapter 32 position PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-PLCC044-Z-P-T-01 |
Carrier adaptor, 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
|
Ironwood Electronics.
|
CA-PLCC052-Z-J-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
MAX5054AATA MAX5054AATV MAX505410 |
4A, 20ns, Dual MOSFET Drivers
|
Maxim Integrated Products
|
CA-PLCC068-D-J-T-01 |
CARRIER ADAPTOR 68 position PLCC production socket with test points to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
|
Ironwood Electronics.
|
18101RC MM58274CV |
National MM58274CV 20-Pin PLCC-to-16-Pin DIP Pkg Converter A cost-effective means of upgrading to a PLCC package type Clock Chip without changing your PCB layout
|
Aries Electronics, Inc.
|
2N6836 ST535 ST555 ST556 2N6835 ST554 FT401 |
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-3 NPN & PNP High Voltage Silicon High Power Transistors Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:64; Package/Case:44-PLCC; Mounting Type:Surface Mount IC CONFIG DEVICE 212KBIT 20-PLCC TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 8A I(C) | TO-204AC IC CONFIG DEVICE 1MBIT 20-PLCC
|
Semiconductor Technology, Inc.
|
2SC1621 |
High speed : tstg=20ns MAX.Collector to base voltage VCBO 40 V
|
TY Semiconductor Co., Ltd
|
540-99-084-24-000-1 540-99-068-24-000-1 540-99-032 |
Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail 塑料引线芯片载体封装(PLCC)插座焊 Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail PLCC44, IC SOCKET Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:30; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|