PART |
Description |
Maker |
TPCA8014-H TPCA8014-H06 |
High-Efficiency DC拢炉DC Converter Applications High-Efficiency DC/DC Converter Applications 30 A, 40 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Toshiba Semiconductor
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
AWT6111 AWT6111_REV_2.0 |
The AWT6111 is a high power high efficiency amplifier module for Dual Mode CDMA/AMPS wireless handset applications. From old datasheet system Power Amplifiers
|
Anadigics Inc
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|
RT8487 |
High Efficiency BCM LED Driver Controller for High Power
|
Richtek Technology Corp...
|
PS1313 |
High Efficiency, High Power White-LED Driver
|
Power IC Ltd.
|
DR127-100-R DR127-150-R DR127-101-R DR127-102-R DR |
High power density, high efficiency, shielded inductors
|
List of Unclassifed Man...
|
TC1401 |
0.5 W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|
TC1606N |
2W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|