PART |
Description |
Maker |
28C64AT/P 28C64ATI/L 28C64AFTI/SO 28C64AFI/SO 28C6 |
64K (8K x 8) CMOS EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Microchip Technology Inc. Microchip Technology, Inc.
|
AT24C02AN-10SE-2.7 AT24C04AN-10SE-2.7 AT24C08A-10P |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Two-wire Serial EEPROM Extended Temperature
|
ATMEL Corporation Atmel Corp.
|
HT24LC16 |
CMOS 16K 2-Wire Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc.
|
AT24C01ASC-09GT AT24C16SC AT24C02SC AT24C01ASC-10W |
Schmitt Trigger, Filtered Inputs for Noise Suppression 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each From old datasheet system Two-wire Serial EEPROM Smart Card Modules
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
SA25C1024LMNX SA25C1024HEMN SA25C1024HEMNX SA25C10 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 1Mb EEPROM SPI with 10MHz and Low Standby
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
29F1610 29F1610A-10 MX29F1610A-90 MX29F1610A-10 29 |
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Macronix International Co., Ltd.
|
CAT25040S CAT25040SA CAT25040SE CAT25040SI CAT2502 |
SPI Serial CMOS EEPROM (Motorola Compatible), 1K, 2-bit Block Protection SPI Serial CMOS EEPROM (Motorola Compatible), 2K, 2-bit Block Protection 1K/2K/4K SPI Serial CMOS EEPROM Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SO PowerPAD -40 to 85 Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SOIC Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-TSSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-TSSOP -40 to 125 Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-SSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-SOIC -40 to 125 16-Bit Buffer/Driver With 3-State Outputs 48-TVSOP -40 to 85 19-Bit Bus Interface With 3-State Outputs 48-SSOP 0 to 70 19-Bit Bus Interface With 3-State Outputs 48-TSSOP 0 to 70 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 192 kHz Digital Audio Transmitter 28-TSSOP -40 to 85 1K/2K/4K SPI串行EEPROM中的CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
CATALYST[Catalyst Semiconductor] Rectron Semiconductor Bourns, Inc.
|
SA25C512LNX SA25C512 SA25C512HEMN SA25C512HEMNX SA |
512Kb EEPROM SPI with 10MHz and Low Standby DUCT CORNER STRIP PVC LTGY 2H DUCT CORNER STRIP PVC LTGRY 1H The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|