UR5515-TN5-R UR5515-S08-T UR5515-S08-R UR5516-TN5- |
3A BUS TERMINATION REGULATOR BUS TERMINATOR SUPPORT CIRCUIT, PSSO5 3A BUS TERMINATION REGULATOR BUS TERMINATOR SUPPORT CIRCUIT, PDSO8 1.5A/3A BUS TERMINATION REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies] ??『绉???′唤??????
|
PZM5.6NB2A PZM4.7NB2A PZM15NB2A PZM3.9NB2A PZM2.7N |
Voltage regulator double diodes 12 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Voltage regulator double diodes 稳压双二极管 Voltage regulator double diodes 2.4 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Voltage regulator double diodes 3 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 RF/Coaxial Connector; RF Coax Type:TNC; Contact Termination:Crimp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:59, 62, Belden 8241, 8263, 8279, 9209 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:TNC; Contact Termination:Crimp; Impedance:50ohm; Body Style:Straight Bulkhead Jack; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes Voltage Regulator Double Diodes(双稳压二极管) 7.5 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
|
NXP Semiconductors N.V. PHILIPS [Philips Semiconductors] PHILIPS[Philips Semiconductors]
|