PART |
Description |
Maker |
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
HA3-5142-5 HA7-5142-2 HA-5142 FN2909 |
Op Amp, Dual 400kHz, Ultra-Low Power, Unity Gain Dual, 400kHz, Ultra-Low Power Operational Amplifier Dual/ 400kHz/ Ultra-Low Power Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRFR5410TRLPBF IRFR5410TRPBF IRFR5410TRRPBF IRFR54 |
13 A, 100 V, 0.205 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance Ultra Low On-Resistance ULTRA LOW ON RESISTANCE
|
International Rectifier
|
IRF7702GPBF IRF7703GPBF |
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
|
International Rectifier
|
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
AND8139D NL17SV16XV5T2 AND8139 NL17SV00XV5T2 NL17S |
2-Input OR Gate, Ultra-Low Voltage Non Inverting Buffer, Ultra Low Voltage Single 2-Input NOR Gate, Ultra-Low Voltage Single 2-Input NAND Gate, Ultra-Low Voltage ULTRA-LOW VOLTAGE MINIGATE DEVICES SOLVE 1.2 V INTERFACE PROBLEMS
|
ONSEMI[ON Semiconductor]
|
M38184AM-258FP M38184AM-256FP M38184MA-295FP M3818 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-US8 -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-SM8 -40 to 85 Low-Power Configurable Multiple-Function Gate 6-SC70 -40 to 85
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
MIC860 MIC860BC5 MIC860YC5 |
Teeny⑩ Ultra Low Power Op Amp Teeny Ultra Low Power Op Amp
|
MICREL[Micrel Semiconductor]
|
6206-35/BXAJC 6206-45/BXAJC 6206-45/BYAJC 6206-100 |
x8 SRAM Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits High-Voltage, Low-Current Voltage Monitors in SOT Packages Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits x8的SRAM
|
ITT, Corp.
|
RT9178 |
SHDN/BP. Ultra Low-Noise. FTR 200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
|
RICHTEK
|