PART |
Description |
Maker |
AD7457BRTZ-REEL7 |
Low Power, Pseudo Differential, 100 kSPS
|
Analog Devices
|
LTC2328HMS-16PBF |
16-Bit, 1Msps, ±10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
|
Linear Technology
|
AD7451BRT-R2 |
Pseudo Differential Input, 1 MSPS, 12-Bit ADC in an 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
LTC2369-18 |
Pseudo-Differential Unipolar SAR ADC
|
Linear Technology
|
AD7453BRT-REEL7 AD7453ART-REEL7 |
Pseudo Differential 555 kSPS 12-Bit A/D Converter in 8-Lead SOT-23
|
Analog Devices
|
LTC2364IDE-16TRPBF LTC2364IDE-16PBF LTC2364CMS-16T |
16-Bit, 250ksps, Pseudo-Differential Unipolar SAR ADC with 94.7dB SNR
|
Linear Technology
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
LTC2415-1 LTC2415 LTC2415IGN LTC2415CGN LTC2415-1C |
24-Bit No Latency ADCs with Differential Input and Differential Reference 24-Bit No Latency Delta Sigma ADC with Differential Input and Differential Reference 24-Bit No Latency Delta Sigma ADC with Differential Input, 50/60Hz Rejection
|
LINER[Linear Technology]
|
TC518129BFTL-10V |
128K X 8 PSEUDO STATIC RAM, 100 ns, PDSO32
|
|
PI6C4853111FAE |
2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
|
Pericom Semiconductor Corp.
|
EL4544IGZ EL4544 |
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
|
INTERSIL[Intersil Corporation]
|
LTC2435-1IGN LTC2435-1CGN LTC2435-1CGNPBF LTC2435C |
20-Bit No Latency ADCs with Differential Input and Differential Reference 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 20-Bit No Latency ADCs with Differential Input and Differential Reference 1-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Linear Technology Corporation Linear Technology, Corp. http://
|