PART |
Description |
Maker |
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
TBA40-11EGWA TBA40-12EGWA TC40-11YWA TA40-11EWA TA |
The High Efficiency Red Source color Devices 5X7 DOT MATRIX DISPLAY, HIGH EFFICIENCY RED/GREEN, 101.6 mm
|
Kingbright, Corp. Kingbright Corporation. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1147 LTC1147-3.3 LTC1147-5 LTC1147C LTC1147CN8- |
OCTAL BUS TRANSCEIVER O.C. 20-SOIC 0 to 70 SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO8 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS From old datasheet system High Efficiency Step-Down Switching Regulator Controllers
|
Linear Technology, Corp. 稳压 Linear Technology Corporation
|
LTC1142HVCGPBF LTC114200 |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FAN5307SX FAN5307 FAN5307MP15X FAN5307MP18X FAN530 |
High-efficiency step-down DC/DC converter 0.7 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO5 High-Efficiency Step-Down DC-DC Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UF3A-UF3M HS3A-HS3M UF3A |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|