PART |
Description |
Maker |
A63P7336E-4.2F A63P7336 A63P7336E A63P7336E-2.6 A6 |
128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 128K的米36位同步高的Burst计数器和流水线数据输出高速SRAM 128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 128K的米6位同步高的Burst计数器和流水线数据输出高速SRAM DIODE, ZENER, 12V, 500MW, DO35
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
A63L73321E-12 A63L73321 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
|
AMICC[AMIC Technology]
|
A63P73361E-8F A63P73361 A63P73361E A63P73361E-6.5 |
128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output 128K的米6位同步计数器高的Burst SRAM的速度和流量,通过数据输出
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
TC55V4336FF-100 |
128K Word x 32 Bit Synchronous Pipelined Burst Static RAM(128K 瀛?32浣??姝ョ?????查???RAM)
|
Toshiba Corporation
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
KM68V1002CI |
128K x 8 Bit High-Speed CMOS Static RAM(3.3V Operating)(128K x 8位高速CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
IDT709099L9PFI |
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 128K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Technology, Inc.
|
MX23C1010 MX23C1010MC-10 MX23C1010MC-12 MX23C1010M |
1M-BITMASKROM(8BITOUTPUT) From old datasheet system 1M-BIT MASK ROM(8 BIT OUTPUT) MINIATURE GENERAL PURPOSE RELAY 128K X 8 MASK PROM, 45 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 90 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 150 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 100万位掩码光盘位输出) 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 70 ns, PDSO32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PDSO32
|
MCNIX[Macronix International] Macronix 旺宏 Macronix International Co., Ltd. Altera, Corp.
|
A43L8316AV-5.5 AMICTECHNOLOGYCORPORATION-A43L8316A |
128K X 16 Bit X 2 Banks Synchronous DRAM 128K的16位2银行同步DRAM
|
AMIC Technology Corporation AMIC Technology, Corp.
|