PART |
Description |
Maker |
A3845SLW 3845 A3845 A3845ELW |
TRANS PREBIASED NPN 150MW SOT523 AM NOISE BLANKER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MSA-0386 MSA-0386-BLK MSA-0386-TR1 |
Cascadable Silicon Bipolar MMIC Amplifier TRANS PREBIASED NPN SOT323
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
370-10-116 370-90-116 483-90-216-00-001 353-10-116 |
PCB Header Strips Single row / double row Wire-wrap / solder tail HANDSET CORD, DARK GRAY 12 FT. DIODE SCHOTTKY DUAL COMMON-ANODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL TRANS PREBIASED NPN 200MW SOT323 Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket RoHS Compliant: No TRANS PREBIASED NPN 200MW SOT-23 HANDSET CORD, IVORY 6 FT. CONV DC-DC 100W 24VIN 5V NEG-EN MODULAR COILED HNDST CORDBLACK 25 FT DIODE SCHOTTKY SINGLE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL TRANS PREBIASED NPN 200MW SOT23 MODULAR COILED HNDST CORDIVORY MCU LOAD SWITCH 200MA SOT-26 PCB Header Strips Single row / double row Wire-wrap / solder tail 板头带单双列线,焊尾 HANDSET CORD, IVORY 6 FT. 板头带单双列线,焊尾
|
http:// PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
2SK2638-01MR |
TRANS PREBIASED PNP 200MW SOT-23 N-channel MOS-FET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
BCY58-VII BCY58A BCY59-8 BCY59-VII BCY59-VIII BCY5 |
Trans GP BJT NPN 32V 0.2A 3-Pin TO-18 Trans GP BJT NPN 45V 0.2A 3-Pin TO-18
|
New Jersey Semiconductor
|
SD1538-08 2832 1538-8 |
From old datasheet system RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS TRANS PREBIASED PNP 200MW SOT323 RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS 射频
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BDY23A BDY25A BDY25B BDY25C |
Trans GP BJT NPN 60V 6A 3-Pin(2 Tab) TO-3 Trans GP BJT NPN 140V 6A 3-Pin(2 Tab) TO-3
|
New Jersey Semiconductor
|
2SC4154 |
150mW SMD NPN transistor, maximum rating: 50V Vceo, 200mA Ic, 150 to 800 hFE. FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
MMBR571L |
Silicon NPN RF Transistor Trans GP BJT NPN 10V 0.08A 3-Pin SOT-23 T/R
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semiconductors New Jersey Semi-Conduct...
|
BC847AT-TP BC847BT-TP BC847CT BC847CT-TP |
NPN Surface Mount Small Signal Transistor 150mW
|
Micro Commercial Components
|
SL1222101-A SL1222101-B |
TRANS,WALL,24VDC/400mA,F2, 2.1mm x 5.5mm,UL 50/cs 电路保护热敏电阻 TRANS,WALL,24VDC/500mA,F1 2.1mmX5.5mm,UL TRANS,WALL,18VDC/1A,F2,2.5X5.5 ,2 PRNG AC,LIN NON-REG
|
Ametherm, Inc.
|
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|