PART |
Description |
Maker |
A29400ATV-55UF A29400ATV-55F |
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
AMIC Technology
|
MBM29LV004TC-12 MBM29LV004TC-90PNS MBM29LV004TC-70 |
4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 120 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 IC, LN PWR DC2DC CONVERT 48VDC-5VDC 1.2A MFR 4M (512K X 8) BIT
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MX29LV400BXBI-70 MX29LV400TXBI-70 MX29LV400TXBC-55 |
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY COG Technology, 240 x 160 pixel format 240 x 160 pixel format, Available with EL Backlight CB 26C 26#16 PIN PLUG 4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 256K X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Macronix International Co., Ltd. PROM http://
|
IDT71V65703 IDT71V65903 IDT71V65703S85PF IDT71V657 |
3.3V 256K x 36 ZBT Synchronous 3.3V I/O Flowthrough SRAM 256K x 36 512K x 18 3.3V Synchronous ZBT SRAMs 256K x 36, 512K x 18 3.3V Synchronous ZBT? SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 7.5 ns, PBGA165 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 8 ns, PQFP100 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 7.5 ns, PBGA119 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K × 3612K采样× 18 3.3同步ZBT SRAM 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 8.5 ns, PBGA165 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 7.5 ns, PQFP100 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 8.5 ns, PBGA119 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 7.5 ns, PQFP100 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 7.5 ns, PBGA165
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
MBM29DL400TC MBM29DL400TC-90 MBM29DL400BC MBM29DL4 |
4M (512K X 8/256K X 16) BIT
|
FUJITSU[Fujitsu Media Devices Limited]
|
MCM63F919TQ7R MCM63F919ZP8.5 MCM63F919ZP8.5R MCM63 |
256K x 36 and 512K x 18 Bit Flow??hrough BurstRAM Synchronous Fast Static RAM 256K x 36 and 512K x 18 Bit Flow?Through BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc
|
29400 A29400UV-90 A29400TV-90 A29400UM-90 A29400TM |
64K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 1760A CALIBRATED BY NEWARK SERVICES 12k × 8 256 × 16位的CMOS 5.0伏只,引导扇区闪 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory 12k × 8 256 × 16位的CMOS 5.0伏只,引导扇区闪 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED Backlight available 240 x 128 pixel format, LED or EL Backlight LOGIC PROBE 20MHZ 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only / Boot Sector Flash Memory
|
AMIC Technology, Corp. AMIC Technology Corporation
|
MCM63Z918TQ7 MCM63Z918TQ7R MCM63Z918TQ8 MCM63Z918T |
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
|
Motorola, Inc
|
MX27C4111 27C4111 |
4M-BIT [512K x8/256K x16] CMOS EPROM From old datasheet system
|
Macronix 旺宏
|
27C4111-90 |
4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
|
Macronix International Co., Ltd.
|
MX29LV400CBTC-90G MX29LV400CTXHI-70Q 29LV400C-55R |
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MCNIX[Macronix International]
|
EN29LV400A EN29LV400AB-70BIP EN29LV400AB-70TIP EN2 |
4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
ETC Eon Silicon Solution Inc.
|