PART |
Description |
Maker |
HT23C512 23C512 |
CMOS 64Kx 8-Bit Mask ROM From old datasheet system CMOS 64K′ 8-Bit Mask ROM
|
HOLTEK[Holtek Semiconductor Inc]
|
A23L1616 A23L16161 A23L16161V A23L16162 A23L16162V |
70ns 2M x 16/4M x 8bit CMOS MASK ROM 100ns 2M x 16/4M x 8bit CMOS MASK ROM Power Resistor; Series:MK; Resistance:20ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded 2M X 16 / 4M X 8 BIT CMOS MASK ROM 200万16 / 4米8位CMOS掩膜ROM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
MX23C2100 23C2100 MX23C2100PC-15 MX23C2100PC-12 |
2M-BIT 256K x 8/128K x 16 CMOS MASK ROM From old datasheet system 2M-BIT [256K x 8/128K x 16] CMOS MASK ROM
|
MCNIX[Macronix International] Macronix 旺宏
|
MX23C8000TC-20 23C8000-10 23C8000-12 23C8000-15 23 |
8M-BIT [1M x 8] CMOS MASK ROM
|
MCNIX[Macronix International]
|
A23L0616V A23L0616 A23L06161 A23L06161V A23L06162 |
1M X 16 / 2M X 8 BIT CMOS MASK ROM
|
AMICC[AMIC Technology]
|
LC3101 |
128K-BIT CMOS MASK ROM
|
SANYO[Sanyo Semicon Device]
|
RP53256E |
CMOS 256K-Bit Mask ROM
|
Ricoh
|
KM23V4000ETY |
(KM23x4000xTY) 4M-Bit CMOS Mask ROM
|
Samsung Semiconductor
|
KM23C32000 |
32M-Bit (2Mx16) CMOS Mask ROM
|
Samsung Semiconductor
|
AC23C16200B |
1MX16/2MX8 BIT CMOS MASK ROM
|
Artchips
|
KM23C4100DET KM23C4100DT |
4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] http://
|