PART |
Description |
Maker |
PS11016 |
FLAT-BASE TYPE INSULATED TYPE Acoustic noise-less 2.2kW/AC200V class 3 phase inverter and other motor control applications
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Semiconductor
|
PS12013-A |
Acoustic noise-less 0.4kW/AC400V Class 3 Phase inverter and other motor control applications FLAT-BASE TYPE INSULATED TYPE
|
Mitsubishi Electric Semiconductor POWEREX[Powerex Power Semiconductors]
|
PS11033 |
Application Specific IPM Modules: 600V Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
PS11034 |
Application Specific IPM Modules: 600V Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
PS11037 |
Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package Application Specific IPM Modules: 600V
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MAX97002EWP |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Products
|
APA2606NAI-TRG |
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
|
Anpec Electronics Corop...
|
MAX5987A MAX5986AETE MAX5986B MAX5986BETE MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
|
Maxim Integrated Products
|
ECQU2A125L ECQU2A394L ECQU2A392L ECQU2A103L ECQU2A |
In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
|
Panasonic Semiconductor
|
MAX6326-22D MAX6326-22W MAX6326-23D MAX6326-23W MA |
3-pin ultra-low power SC70/SOT microprocessor reset circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 BACKSHELL 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 CLAMP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 350-mW Stereo Class-AB Audio Amplifier 8-SOIC CONNECTOR 350-mW Mono Class-AB Audio Amplifier 8-SOIC 9-W Stereo Class-D Audio Power Amplifier with Volume Control (TPA3002) 48-HTQFP -40 to 85 20-W Mono Class-D Audio Power Amplifier (TPA3001) 24-HTSSOP -40 to 85 40-W Mono Class-D Audio Power Amplifier (TPA3106) 32-HLQFP -40 to 85 10-W Stereo Class-D Audio Power Amplifier (TPA3101) 48-VQFN -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
STK611-721-E |
Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
|
Sanyo Semicon Device
|